Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908247 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1908247
Description  ISO cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1908247 Datasheet(HTML) 1 Page - Festo Corporation.

  1908247 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO cylinder
DSNU-8-15-P-A
Part number: 1908247
Data sheet
Feature
Value
Maritime classification
See certificate
Stroke
15 mm
Piston diameter
8 mm
Piston rod thread
M4
Type code
DSNU
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Conforms to standard
CETOP RP 52 P
ISO 6432
Piston rod end
External thread
Design
Cylinder barrel
Piston
Piston rod
Position sensing
For proximity sensor
Symbol
00991217
Variants
Piston rod at one end
Operating pressure
1.5 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.03 J
Theoretical force at 6 bar, retracting
22.6 N
Basic weight with 0 mm stroke
34.6 g
Additional moving mass per 10 mm stroke
1 g
Type of mounting
With accessories
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Plain anodized
Seals material
NBR
TPE-U(PU)
Piston rod material
High-alloy stainless steel
Material of cylinder barrel
High-alloy stainless steel
4/1/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 1908247

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1908248 FESTO-1908248 Datasheet
83Kb / 1P
ISO cylinder
1908249 FESTO-1908249 Datasheet
83Kb / 1P
ISO cylinder
More results

Similar Description - 1908247

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com