Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIBD44FX Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # BIBD44FX
Description  MULTI-PORT Double-Sided Entry.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BIBD44FX Datasheet(HTML) 1 Page - Hubbell Incorporated.

  BIBD44FX Datasheet HTML 1Page - Hubbell Incorporated. BIBD44FX Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Insulation
Y
Material
Aluminum
Number Of Ports
4
Plated
Y
Plating Type
Tin
Temperature Rating
-40° C to 135 °C
Trade Name
UNITAP™
UPC
621945439221
UPC 12 Digit
6219454392211
Dimensions
Dimension - Length Overall inch
1.706 in
Electrical Ratings
Amperage Rating
85 A
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size Range
14 AWG-4 AWG
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BIBD44FX
by Burndy
Catalog ID: BIBD44FX
Prop 65 Notice
MULTI-PORT Double-Sided Entry.


Similar Part No. - BIBD44FX

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BIBD44 HUBBELL-BIBD44 Datasheet
263Kb / 2P
Aluminum Multiple Tap Connector, Clear Insulated, 4 Port, 2 Sided Entry, 14-4 AWG, Al/Cu Rated.
BIBD44RK HUBBELL-BIBD44RK Datasheet
287Kb / 2P
Clear Insulated Multiple Tap Connector,Aluminum Conductor - Size Range:8 AWG-4 AWG.
More results

Similar Description - BIBD44FX

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BIBD45 HUBBELL-BIBD45 Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD46FX HUBBELL-BIBD46FX Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD48FX HUBBELL-BIBD48FX Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD2010FX HUBBELL-BIBD2010FX Datasheet
258Kb / 1P
MULTI-PORT Double-Sided Entry.
BIBD2012FX HUBBELL-BIBD2012FX Datasheet
258Kb / 1P
MULTI-PORT Double-Sided Entry.
BIBD3503FX HUBBELL-BIBD3503FX Datasheet
260Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD6006FX HUBBELL-BIBD6006FX Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD25010FX HUBBELL-BIBD25010FX Datasheet
257Kb / 1P
MULTI-PORT Double-Sided Entry.
BIBD25012FX HUBBELL-BIBD25012FX Datasheet
258Kb / 1P
MULTI-PORT Double-Sided Entry.
BIBD35012 HUBBELL-BIBD35012 Datasheet
262Kb / 2P
MULTI-PORT Double-Sided Entry.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com