Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33256PFS36A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS36A
Description  3.3V 256K x 32/36 pipelined burst synchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS36A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C33256PFS36A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33256PFS36A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33256PFS36A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33256PFS36A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33256PFS36A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS36A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS36A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS36A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33256PFS36A Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AS7C33256PFS32A
AS7C33256PFS36A
®
11/30/04, v.3.1
Alliance Semiconductor
P. 6 of 20
Write enable truth table (per byte)
Key: X = don’t care, L = low, H = high, n = a, b, c, d;
BWE, BWn = internal write signal.
Asynchronous Truth Table
Function
GWE
BWE
BWa
BWb
BWc
BWd
Write All Bytes
L
X
XXX
X
H
L
LL
LL
Write Byte a
HL
LH
H
H
Write Byte c and d
HL
H
H
L
L
Read
HH
XXX
X
H
L
HHH
H
Operation
ZZ
OE
I/O Status
Snooze mode
H
X
High-Z
Read
L
L
Dout
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Burst order table
Interleaved Burst Order (LBO=1)
Linear Burst Order (LBO=0)
A1 A0 A1 A0 A1 A0 A1 A0
A1 A0 A1 A0 A1 A0 A1 A0
Starting Address
0 00 11 01 1
Starting Address
0 00 11 01 1
First increment
0 10 01 11 0
First increment
0 11 01 10 0
Second increment
1 0
1 1
0 0
0 1
Second increment
1 0
1 1
0 0
0 1
Third increment
1 11 00 10 0
Third increment
1 10 00 11 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com