Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATW2805S/CH Datasheet(PDF) 3 Page - International Rectifier

Part # ATW2805S/CH
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATW2805S/CH Datasheet(HTML) 3 Page - International Rectifier

  ATW2805S/CH Datasheet HTML 1Page - International Rectifier ATW2805S/CH Datasheet HTML 2Page - International Rectifier ATW2805S/CH Datasheet HTML 3Page - International Rectifier ATW2805S/CH Datasheet HTML 4Page - International Rectifier ATW2805S/CH Datasheet HTML 5Page - International Rectifier ATW2805S/CH Datasheet HTML 6Page - International Rectifier ATW2805S/CH Datasheet HTML 7Page - International Rectifier ATW2805S/CH Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
ATW28XXD Series
Notes to Specifications
Table I. Electrical Performance Characteristics - continued
ATW2812D
1
Parameter guaranteed by line, load and cross regulation tests.
2
Up to 90% of full power is available from either output provided the total output does not exceed 30W.
3
Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
4
Load current split equally between +V
OUT and –VOUT.
5
Three-watt load on output under test, 3 watt to 27 watt load change on other output.
6
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
7
Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table I.
8
An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
9
Load step transition time between 2 and 10 microseconds.
10
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1
percent of V
OUT at 50 percent load.
11
Input step transition time between 2 and 10 microseconds.
12
Turn-on delay time measurement is for either a step application of power at the input or the removal of
ground signal from the inhibit pin (pin 8) while power is applied to the input.
Test
Symbol
Conditions
-55°C
≤Tc ≤+125°C
Vin = 28 Vdc ±5%, C
L = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Output response
transient step line
changes
4, 7, 11
VO
TLINE
Input step from/to 18 to 40
Vdc, I
OUT = 2500mA
4,5,6
All
-800
+800
mV pk
Recovery time
transient step line
change
4, 7, 10, 11
TT
LINE
Input step from/to 18 to 40
Vdc, I
OUT = 2500mA
4,5,6
All
4000
µs
Turn on overshoot
4
VTon
OS
I
OUT = 0 and 2500mA
4,5,6
All
750
mV pk
Turn on delay
4, 12
Ton
D
I
OUT = 0 and 2500mA
4,5,6
All
14
ms
Load fault recovery
7
Tr
LF
4,5,6
All
14
ms
Weight
Flange
75
grams



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com