Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC942 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC942
Description  High Power Output Type OPIC Photocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC942 Datasheet(HTML) 2 Page - Sharp Corporation

  PC942 Datasheet HTML 1Page - Sharp Corporation PC942 Datasheet HTML 2Page - Sharp Corporation PC942 Datasheet HTML 3Page - Sharp Corporation PC942 Datasheet HTML 4Page - Sharp Corporation PC942 Datasheet HTML 5Page - Sharp Corporation PC942 Datasheet HTML 6Page - Sharp Corporation PC942 Datasheet HTML 7Page - Sharp Corporation PC942 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PC942
s Electro-optical Characteristics
s Truth Table
Parameter
Symbol
Unit
Input
Forward voltage
VF1
V
VF2
Ta
=25˚C, IF=0.2mA
V
Reverse current
IR
µA
Terminal capacitance
Ct
Ta
=25˚C, V=0, f=1kHz
pF
Output
Operating supply voltage
VCC
V
VO1L
VO2H
V
VO2L
V
IO1L
µA
IO2L
µA
High level supply current
ICCH
mA
mA
Low level supply current
ICCL
Ta
=25˚C, VCC=6V, IF=0
mA
VCC
=6V, IF=0
mA
Transfer
charac-
teristics
IFLH
Ta
=25˚C, VCC=6V,
RL1
=5Ω, RL2=10Ω,
VCC
=6V, RL1=5Ω
mA
mA
Isolation resistance
RISO
Ω
tPLH
µs
tPHL
µs
Rise time
tr
µs
Fall time
tf
µs
Instantaneous common
mode rejection voltage
"Output : High level"
Ta
=25˚C, VCM=600V(peak)
IF
=5mA, RL1=470Ω, RL2=1kΩ,
∆VO2H=0.5V(max)
Ta
=25˚C, VCM=600V(peak)
IF
=0, RL1=470Ω, RL2=1kΩ,
∆VO2L=0.5V(max)
kV/
µs
Instantaneous common
mode rejection voltage
"Output : Low level"
CML
kV/
µs
"Low
→High" threshold
input current
Ta
=25˚C, IF=5mA
Ta
=25˚C, VR=3V
Ta
=25˚C, VCC=6V, IF=5mA
VCC
=6V, IF=5mA
Ta
=25˚C, VCC=6V
IF
=5mA, RL1=5Ω
RL2
=10Ω
MIN.
−
−
−
5.4
4.5
5
×1010
−
−
−
−
−
−
−
−
−
−
−
−10
10
0.6
0.3
0.2
MAX.
−
10
250
13
−
0.4
200
200
13
17
15
20
−
1
1
−
−
1.4
3.0
5.0
5
5
Conditions
"Low
→High" propagation delay time
"High
→Low" propagation delay time
CMH
VCC
=6V, IO1=0.4A,
RL2
=10Ω, IF=5mA
VCC
=6V, IO2=−0.4A, IF=5mA
VCC
=6V, IO2=0.5A, IF=0
VCC
=13V, IF=0
VCC
=13V, IF=5mA
*8 IFLH represents forward current when output goes from "Low" to "High".
*8
Ta
=25˚C, DC=500V, 40 to 60%RH
TYP.
−
30
−
V
−
0.4
0.2
5.0
0.2
−
−
9
−
11
−
−
1
×1011
0.2
0.1
1.1
0.9
1.5
2
2
−
−
(Ta
=Topr unless otherwise specified)
RL2
=10Ω
O1 low level output voltage
O2 high level output voltage
O2 low level output voltage
O1 leak current
O2 leak current
Input
ON
OFF
O2 Output
High level
Low level
Tr. 1
ON
OFF
Tr. 2
OFF
ON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com