Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDCHR1008-R10 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMDCHR1008-R10
Description  MINIATURE SMD CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCHR1008-R10 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMDCHR1008-R10 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCHR1008-R10 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCHR1008-R10 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCHR1008-R10 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCHR1008-R10 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCHR1008-R10 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCHR1008-R10 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCHR1008-R10 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCHR1008-R10 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Quality
SRF
DCR
I dc
Inductance
Factor
(MHz)
(OHM)
( mA )
(Min)
L
Q
Min
Max
Max
SMDFSR1008 - 1R2
1.2 uH
MKJ
48
7.9
50
210
0.68
650
SMDFSR1008 - 1R5
1.5 uH
MKJ
41
7.9
50
190
0.76
630
SMDFSR1008 - 1R8
1.8 uH
MKJ
39
7.9
50
170
0.84
600
SMDFSR1008 - 2R2
2.2 uH
MKJ
34
7.9
50
150
1.10
520
SMDFSR1008 - 2R7
2.7 uH
MKJ
34
7.9
50
135
1.28
490
SMDFSR1008 - 3R3
3.3 uH
MKJ
32
7.9
50
120
1.46
450
SMDFSR1008 - 3R9
3.9 uH
MKJ
32
7.9
7.9
105
1.56
420
SMDFSR1008 - 4R7
4.7 uH
MKJ
31
7.9
7.9
90
1.68
400
SMDFSR1008 - 5R6
5.6 uH
MKJ
31
7.9
7.9
80
1.82
380
SMDFSR1008 - 6R8
6.8 uH
MKJ
31
7.9
7.9
70
2.00
360
SMDFSR1008 - 8R2
8.2 uH
MKJ
23
7.9
7.9
65
2.65
330
SMDFSR1008 - 100
10.0 uH
M K J
31
7.9
7.9
60
2.95
300
MINIATURE SMD CHIP INDUCTORS
SMDFSR 1008 TYPE
Part Number
Tole.
Testing Freq.
(MHz)
3.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com