Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDCHR1008-R15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMDCHR1008-R15
Description  MINIATURE SMD CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCHR1008-R15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMDCHR1008-R15 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCHR1008-R15 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCHR1008-R15 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCHR1008-R15 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCHR1008-R15 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCHR1008-R15 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCHR1008-R15 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCHR1008-R15 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCHR1008-R15 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Quality
SRF
DCR
I dc
Inductance
Factor
(MHz)
(OHM)
( mA )
(Min)
L
Q
Min
Max
Max
SMDCH
R0805 - 2N2
2.2 nH
MK
15
250
1500
6000
0.08
600
SMDCH
R0805 - 3N3
3.3 nH
MK
50
250
1500
6000
0.08
600
SMDCH
R0805 - 6N8
6.8 nH
MKJ
50
250
1000
5500
0.11
600
SMDCH
R0805 - 8N2
8.2 nH
MK
35
250
500
4700
0.12
600
SMDCH R0805 - 10N
10 nH
M K,J
50
250
500
4300
0.14
600
SMDCH
R0805 - 12N
12 nH
KJG
50
250
500
4000
0.15
600
SMDCH
R0805 - 15N
15 nH
MKJ
50
250
500
3400
0.17
600
SMDCH
R0805 - 18N
18 nH
KJG
50
250
500
3300
0.20
600
SMDCH
R0805 - 22N
22 nH
KJG
55
250
500
2600
0.22
500
SMDCH
R0805 - 27N
27 nH
KJG
55
250
500
2500
0.25
500
SMDCH
R0805 - 33N
33 nH
KJG
60
250
500
2050
0.27
500
SMDCH
R0805 - 39N
39 nH
KJG
60
250
500
2000
0.29
500
SMDCH
R0805 - 47N
47 nH
KJG
60
200
500
1650
0.31
500
SMDCH
R0805 - 56N
56 nH
KJG
60
200
500
1550
0.34
500
SMDCH
R0805 - 68N
68 nH
KJG
60
200
500
1450
0.38
500
SMDCH
R0805 - 82N
82 nH
KJG
65
150
500
1300
0.42
400
SMDCH R0805 - R10
0.1uH
K J G
65
150
500
1200
0.46
400
SMDCH
R0805 - R12
0.12uH
KJG
50
150
250
1100
0.51
400
SMDCH
R0805 - R15
0.15uH
KJG
50
100
250
920
0.56
400
SMDCH
R0805 - R18
0.18uH
MKJ
50
100
250
870
0.64
400
SMDCH
R0805 - R22
0.22uH
MKJ
50
100
250
850
0.70
400
SMDCH
R0805 - R27
0.27uH
MKJ
48
100
250
650
1.10
350
SMDCH
R0805 - R33
0.33uH
MKJ
48
100
250
600
1.40
310
SMDCH
R0805 - R39
0.39uH
MKJ
48
100
250
560
1.50
290
SMDCH
R0805 - R47
0.47uH
MKJ
33
50
100
375
1.76
250
SMDCH
R0805 - R56
0.56uH
M KJ
23
25
50
340
1.90
230
SMDCH
R0805 - R68
0.68uH
MKJ
23
25
50
188
2.20
190
SMDCH
R0805 - R82
0.82uH
MKJ
23
25
50
215
2.35
180
Part Number
MINIATURE SMD CHIP INDUCTORS
SMDCH
R 0805 TYPE
Testing Freq.
(MHz)
Tole.
3.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com