Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDCHR1008-R18 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SMDCHR1008-R18
Description  MINIATURE SMD CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCHR1008-R18 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SMDCHR1008-R18 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCHR1008-R18 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCHR1008-R18 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCHR1008-R18 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCHR1008-R18 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCHR1008-R18 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCHR1008-R18 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCHR1008-R18 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCHR1008-R18 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MINIATURE SMD CHIP INDUCTORS
SMDCH
R 0603 TYPE
1 0
10 0
1 00 0
1 0,00 0
Fr equ en cy (M Hz)
L VS FREQUENCY
10 0
1
10
10
1000
Fr equ en cy (M Hz)
80
40
10
0
30
20
60
50
70
TYPICA L Q VS FREQUENCY
10 0
90
3N9
33 N
22 N
12 N
72 N
R15
3N9
39 N
R15
22 N
12 N
10 0
1 00 0
10 00 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com