Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDCHR1008-R22 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SMDCHR1008-R22
Description  MINIATURE SMD CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCHR1008-R22 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SMDCHR1008-R22 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCHR1008-R22 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCHR1008-R22 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCHR1008-R22 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCHR1008-R22 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCHR1008-R22 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCHR1008-R22 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCHR1008-R22 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCHR1008-R22 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Quality
SRF
DCR
I dc
Inductance
Factor
(MHz)
(OHM)
( mA )
(Min)
L
Q
Min
Max
Max
SMDCH R1210 - 10N
10 nH
M K J
50
50
500
4100
0.08
1000
SMDCH
R1210 - 12N
12 nH
MKJ
50
50
500
3300
0.09
1000
SMDCH
R1210 - 15N
15 nH
MK
50
50
500
2500
0.10
1000
SMDCH
R1210 - 18N
18 nH
MKJ
50
50
350
2500
0.11
1000
SMDCH
R1210 - 22N
22 nH
MKJ
55
50
350
2400
0.12
1000
SMDCH
R1210 - 27N
27 nH
M,K J
55
50
350
1600
0.13
1000
SMDCH
R1210 - 33N
33 nH
KJG
60
50
350
1600
0.14
1000
SMDCH
R1210 - 39N
39 nH
KJG
60
50
350
1500
0.15
1000
SMDCH
R1210 - 47N
47 nH
KJG
65
50
350
1500
0.16
1000
SMDCH
R1210 - 56N
56 nH
KJG
65
50
350
1300
0.18
1000
SMDCH
R1210 - 68N
68 nH
KJG
65
50
350
1300
0.20
1000
SMDCH
R1210 - 82N
82 nH
KJG
60
50
350
1000
0.22
1000
SMDCH R1210 - R10
0.10uH
K J G
60
25
350
1000
0.24
980
SMDCH
R1210 - R12
0.12uH
KJG
60
25
350
950
0.26
920
SMDCH
R1210 - R15
0.15uH
KJG
45
25
100
850
0.29
870
SMDCH
R1210 - R18
0.18uH
KJG
45
25
100
750
0.31
830
SMDCH
R1210 - R22
0.22uH
KJG
45
25
100
700
0.35
790
SMDCH
R1210 - R27
0.27uH
KJG
45
25
100
600
0.42
730
SMDCH
R1210 - R33
0.33uH
KJG
45
25
100
570
0.49
680
SMDCH
R1210 - R39
0.39uH
KJG
45
25
100
500
0.54
640
SMDCH
R1210 - R47
0.47uH
KJG
45
25
100
450
0.60
610
SMDCH
R1210 - R56
0.56uH
KJG
45
25
100
415
1.00
460
SMDCH
R1210 - R62
0.62uH
KJG
45
25
100
375
1.08
430
SMDCH
R1210 - R68
0.68uH
KJG
45
25
100
375
1.15
420
SMDCH
R1210 - R75
0.75uH
KJG
45
25
100
360
1.20
410
SMDCH
R1210 - R82
0.82uH
KJG
45
25
100
350
1.93
350
SMDCH
R1210 - R91
0.91uH
KJG
45
25
100
320
2.02
340
SMDCH R1210 - 1R0
1.0 uH
K J G
45
25
100
290
2.16
330
SMDCH
R1210 - 1R2
1.2 uH
MKJ
45
7.9
100
250
2.38
310
SMDCH
R1210 - 1R5
1.5 uH
MKJ
35
7.9
50
200
2.64
300
SMDCH
R1210 - 1R8
1.8 uH
MKJ
30
7.9
50
160
2.76
290
SMDCH
R1210 - 2R2
2.2 uH
MKJ
25
7.9
50
160
2.98
280
SMDCH
R1210 - 2R7
2.7 uH
MKJ
22
7.9
25
140
3.30
260
SMDCH
R1210 - 3R3
3.3 uH
MKJ
22
7.9
25
110
3.66
250
SMDCH
R1210 - 3R9
3.9 uH
MKJ
22
7.9
7.9
100
4.00
240
SMDCH
R1210 - 4R7
4.7 uH
MKJ
22
7.9
7.9
90
4.30
230
MINIATURE SMD CHIP INDUCTORS
@H~
=
SMDCH
R 1210 TYPE
Tole.
Part Number
Testing Freq.
(MHz)
3.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com