Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATW2805S/ES-SLV Datasheet(PDF) 5 Page - International Rectifier

Part # ATW2805S/ES-SLV
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATW2805S/ES-SLV Datasheet(HTML) 5 Page - International Rectifier

  ATW2805S/ES-SLV Datasheet HTML 1Page - International Rectifier ATW2805S/ES-SLV Datasheet HTML 2Page - International Rectifier ATW2805S/ES-SLV Datasheet HTML 3Page - International Rectifier ATW2805S/ES-SLV Datasheet HTML 4Page - International Rectifier ATW2805S/ES-SLV Datasheet HTML 5Page - International Rectifier ATW2805S/ES-SLV Datasheet HTML 6Page - International Rectifier ATW2805S/ES-SLV Datasheet HTML 7Page - International Rectifier ATW2805S/ES-SLV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
ATW28XXD Series
Table II. Electrical Performance Characteristics - continued
Notes to Specifications
ATW2815D
1
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
2
Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 8) while power is applied to the input.
3
An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
4
Above +125
°C case, derate output power linearly to 0 at +135°C case.
5
Input step transition time between 2 and 10 microseconds.
6
Capacitive load may be any value from 0 to the maximum limit without compromising DC performance. A capacitive load in
excess of the maximum limit will not disturb loop stability but will interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn on.
7
Load step transition time between 2 and 10 microseconds.
8
Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
9
Load current split equally between +V
OUT and –VOUT.
10 When operating with unbalanced loads, at least 25% of the load must be on the positive output to maintain regulation.
11 Parameter guaranteed by line and load regulation tests.
12 Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be
guaranteed to the limits specified in Table II.
13
Up to 90% of full power is available from either output provided the total output does not exceed 30 watts.
Test
Symbol
Conditions
-55°C
≤Tc ≤+125°C
Vin = 28 Vdc ±5%, C
L = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Output response
transient step line
changes
5, 12
VO
TLINE
Input step from/to 18 to
40VDC
4,5,6
All
+180
mV pk
Input step from 40 to18 VDC
4,5,6
All
-600
mV pk
Recovery time
transient step line
changes
1. 5, 12
TT
LINE
Input step from/to 18 to 40
VDC
4,5,6
All
400
µs
Input step from 40 to 18 VDC
4,5,6
All
400
µs
Turn on overshoot
VTon
OS
I
OUT = 0 and 2000mA
4,5,6
All
750
mV pk
Turn on delay
2
Ton
D
I
OUT = 0 and 2000mA
4,5,6
All
12
ms
Load fault recovery
12
Tr
LF
V
IN = 18 to 40 VDC
4,5,6
All
12
ms
Weight
Flange
75
grams



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com