Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATW2805S/CH-SLV Datasheet(PDF) 1 Page - International Rectifier

Part # ATW2805S/CH-SLV
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATW2805S/CH-SLV Datasheet(HTML) 1 Page - International Rectifier

  ATW2805S/CH-SLV Datasheet HTML 1Page - International Rectifier ATW2805S/CH-SLV Datasheet HTML 2Page - International Rectifier ATW2805S/CH-SLV Datasheet HTML 3Page - International Rectifier ATW2805S/CH-SLV Datasheet HTML 4Page - International Rectifier ATW2805S/CH-SLV Datasheet HTML 5Page - International Rectifier ATW2805S/CH-SLV Datasheet HTML 6Page - International Rectifier ATW2805S/CH-SLV Datasheet HTML 7Page - International Rectifier ATW2805S/CH-SLV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10/24/02
www.irf.com
1
ADVANCED ANALOG
HYBRID-HIGH RELIABILITY
DC/DC CONVERTERS
ATW28XXD SERIES
Description
n 18 to 40 VDC Input Range (28 VDC Nominal)
n ±12V and ±15V Outputs Available
n Indefinite Short Circuit and Overload
Protection
n 22.8 W/in
3
Power Density
n 30 W Output Power
n Fast Loop Response for Superior Transient
Characteristics
n Operating Temperature Range from -55°C to
+125°C Available
n Popular Industry Standard Pin-Out
n Resistance Seam Welded Case for Superior
Long Term Hermeticity
n Efficiencies up to 85%
n Shutdown from External Signal
n Full Military Screening
n 200,000 hour MTBF at 85°C
Features
ATW
28V Input, Dual Output
The advanced feedback design provides fast loop re-
sponse for superior line and load transient character-
istics and offers greater reliability and radiation toler-
ance than devices incorporating optical elements in
the feedback circuits.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are available in four screen-
ing grades to satisfy a wide range of requirements. The
CH grade is fully compliant to the requirements of MIL-
PRF-38534 for class H. The HB grade is processed
and screened to the class H requirement, but may not
necessarily meet all of the other MIL-PRF-38534 re-
quirements, e.g., element evaluation and Periodic In-
spection (PI) not required. Both grades are tested to
meet the complete group “A” test specification over the
full military temperature range without output power
deration. Two grades with a more limited screening
are also available for use in less demanding applica-
tions. Variations in electrical, mechanical and screen-
ing can be accommodated. Contact Advanced Analog
for special requirements.
n MIL-PRF-38534 Compliant Versions
Available
Three standard temperature grades are offered. Refer
to Part Number section for more severe environments.
The ATW28XXD Series of DC/DC converters feature
high power density and an extended temperature range
for use in military and industrial applications. Designed
to MIL-STD-704 input requirements, these devices op-
erate with a nominal 28 VDC inputs with ±12V and ±15V
dual outputs to satisfy a wide range of requirements.
The circuit design incorporates a pulse width modu-
lated push-pull topology operating in the feed-forward
mode at a nominal switching frequency of 270KHz. Input
to output isolation is achieved through the use of trans-
formers in the forward and feedback circuits.
PD - 94557


Similar Part No. - ATW2805S/CH-SLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATW2805S/CH-MSTR IRF-ATW2805S/CH-MSTR Datasheet
157Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - ATW2805S/CH-SLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com