Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C62 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46C62
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C62 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46C62 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
HT46R62/HT46C62
Rev. 1.60
21
July 14, 2005
A/D Converter
The 6 channels and 9 bits resolution A/D converter are
implemented in this microcontroller. The reference volt-
age is VDD. The A/D converter contains 4 special regis-
ters which are; ADRL (24H), ADRH (25H), ADCR (26H)
and ACSR (27H). The ADRH and ADRL are A/D result
register higher-order byte and lower-order byte and are
read-only. After the A/D conversion is completed, the
ADRH and ADRL should be read to get the conversion
result data. The ADCR is an A/D converter control regis-
ter, which defines the A/D channel number, analog
channel select, start A/D conversion control bit and the
end of A/D conversion flag. If the users want to start an
A/D conversion, define PB configuration, select the con-
verted analog channel, and give START bit a rising edge
and falling edge (0
®1®0). At the end of A/D conver-
sion, the EOCB bit is cleared. The ACSR is A/D clock
setting register, which is used to select the A/D clock
source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There are a total of six
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line decided by these 3 bits. Once a PB line
is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled and the A/D
converter circuit is powered-on. The EOCB bit (bit6 of
the ADCR) is end of A/D conversion flag. Check this bit
to know when A/D conversion is completed. The START
bit of the ADCR is used to begin the conversion of the
A/D converter. Giving START bit a rising edge and fall-
ing edge means that the A/D conversion has started. In
order to ensure that the A/D conversion is completed,
the START should remain at
²0² until the EOCB is
cleared to
²0² (end of A/D conversion).
Bit 7 of the ACSR register is used for test purposes only
and must not be used for other purposes by the applica-
tion program. Bit1 and bit0 of the ACSR register are
used to select the A/D clock source.
When the A/D conversion has completed, the A/D inter-
rupt request flag will be set. The EOCB bit is set to
²1²
when the START bit is set from
²0² to ²1².
Important Note for A/D initialization:
Special care must be taken to initialize the A/D con-
verter each time the Port B A/D channel selection bits
are modified, otherwise the EOCB flag may be in an un-
defined condition. An A/D initialization is implemented
by setting the START bit high and then clearing it to zero
within 10 instruction cycles of the Port B channel selec-
tion bits being modified. Note that if the Port B channel
selection bits are all cleared to zero then an A/D initial-
ization is not required.
Bit No.
Label
Function
0
1
ADCS0
ADCS1
Selects the A/D converter clock source
00= system clock/2
01= system clock/8
10= system clock/32
11= undefined
2~6
¾
Unused bit, read as
²0²
7
TEST
For test mode used only
ACSR (27H) Register
Bit No.
Label
Function
0
1
2
ACS0
ACS1
ACS2
Defines the analog channel select.
3
4
5
PCR0
PCR1
PCR2
Defines the port B configuration select. If PCR0, PCR1 and PCR2 are all zero, the ADC circuit is
power off to reduce power consumption
6
EOCB
Indicates end of A/D conversion. (0 = end of A/D conversion)
Each time bits 3~5 change state the A/D should be initialized by issuing a START signal, other-
wise the EOCB flag may have an undefined condition. See
²Important note for A/D initialization².
7
START Starts the A/D conversion. (0
®1®0= start; 0®1= Reset A/D converter and set EOCB to ²1²)
ADCR (26H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com