Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL352 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL352
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL352 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL352 Datasheet HTML 1Page - Vishay Siliconix IL352 Datasheet HTML 2Page - Vishay Siliconix IL352 Datasheet HTML 3Page - Vishay Siliconix IL352 Datasheet HTML 4Page - Vishay Siliconix IL352 Datasheet HTML 5Page - Vishay Siliconix IL352 Datasheet HTML 6Page - Vishay Siliconix IL352 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL352
Document Number 83624
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Coupler
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Saturation voltage collector-
emitter
IF = 10 mA, IC = 0.5 mA
VCEsat
0.3
V
Collector-emitter capacitance
VCE = 0
CCE
6.0
pF
Capacitance (input-output)
f = 1.0 MHz
CIO
0.5
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
DC Current Transfer Ratio
IF = 10 mA, VCE = 10 V
CTRDC
100
%
IF = 1.0 mA, VCE = 10 V
CTRDC
34
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Switching time, non-saturated
IC = 2.0 mA, RE = 100 Ω,
VCC = 10 V, RH ≤ 50 %
ton, toff
10
µs
Figure 1. Switching Waveform
iil352_01
tD
tR
50%
PHL
tPLH
tS
tF
t
IF
VO
Figure 2. Switching Schematic
iil352_02
F = 10 KHz,
DF = 50%
IF =2mA
VCC =10V
RE = 100 Ω
VO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com