Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0213005. Datasheet(PDF) 3 Page - Littelfuse

Part # 0213005.
Description  Axial Lead and Cartridge Fuses - Designed to IEC Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0213005. Datasheet(HTML) 3 Page - Littelfuse

  0213005. Datasheet HTML 1Page - Littelfuse 0213005. Datasheet HTML 2Page - Littelfuse 0213005. Datasheet HTML 3Page - Littelfuse 0213005. Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Axial Lead and Cartridge Fuses
413
www .littelfuse .com
Designed to IEC Standard
5 x 20 mm Time Lag Fuse (Slo-Blo®) Fuse 218 Series
RoHS
®
®
Pb
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 3 specification for Time Lag Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.032 to 15 amperes.
• RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
ELECTRICAL CHARACTERISTICS (218 Series):
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.032 – 6.3
60 minutes, Minimum
8 - 15
30 minutes, Minimum
210%
.032 – 15
2 minutes, Maximum
275%
.032 – .100
0.2 sec., Min.; 10 sec. Max.
.125 – 15
0.6 sec., Min.; 10 sec. Max.
400%
.032 – .100
.04 sec., Min.; 3 sec. Max.
.125 – 15
.15 sec., Min.; 3 sec. Max.
1000%
.032 – .100
.01 sec., Min.; 0.3 sec. Max.
.125 – 15
0.02 sec., Min.; 0.3 sec. Max.
INTERRUPTING RATINGS: 35 amperes or 10 x rated current;
(whichever is greater) to a maximum 100A @ 250 VAC, unity power factor.
ORDERING INFORMATION:
RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
218
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold Ohmns
A2Sec.
218.032
.032
250
58.45
0.00305
218.040
.040
250
35.70
0.0055
218.050
.050
250
23.30
0.0071
218.063
.063
250
18.1
0.012
218.080
.080
250
12.6
0.0265
218.100
.100
250
8.95
0.0495
218.125
.125
250
4.41
0.150
218.160
.160
250
2.44
0.225
218.200
.200
250
1.60
0.350
218.250
.250
250
1.05
0.555
218.315
.315
250
0.848
1.14
218.400
.400
250
0.535
1.35
218.500
.500
250
0.370
2.90
218.630
.630
250
0.275
4.80
218.800
.800
250
0.073
1.99
218 001
1
250
0.055
3.33
218 1.25
1.25
250
0.042
5.80
218 01.6
1.6
250
0.032
10.61
218 002
2
250
0.029
14.80
218 02.5
2.5
250
0.022
23.85
218 3.15
3.15
250
0.017
39.20
218 004
4
250
0.013
70.95
218 005
5
250
0.010
114.0
218 06.3
6.3
250
0.0075
204.0
218 008
8
250
0.0059
350.5
218 010
10
250
0.0045
583.0
218 015
15
250
0.0030
1441.0
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Terminal strength: MIL-STD-202F Method 211A, Test Condition A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com