Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX137K Datasheet(PDF) 7 Page - Sony Corporation

Part # ILX137K
Description  10700-pixel x 6-line CCD Linear Sensor (Color)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX137K Datasheet(HTML) 7 Page - Sony Corporation

Back Button ILX137K Datasheet HTML 3Page - Sony Corporation ILX137K Datasheet HTML 4Page - Sony Corporation ILX137K Datasheet HTML 5Page - Sony Corporation ILX137K Datasheet HTML 6Page - Sony Corporation ILX137K Datasheet HTML 7Page - Sony Corporation ILX137K Datasheet HTML 8Page - Sony Corporation ILX137K Datasheet HTML 9Page - Sony Corporation ILX137K Datasheet HTML 10Page - Sony Corporation ILX137K Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Clock Timing Chart 2 (Using only Main Line)
5
0
φRS
5
0
φROG
5
0
φ2, φ4, φ2L
5
0
φ1, φ3
0V
φ1L'
VOUT
Optical black
(16 pixels)
Dummy signal
(93 pixels)
Effective pixel signal
(10700 pixels)
Dummy signal
(22 pixels)
1-line output period
Note) The transfer pulse
φ1, φ2, φ1L', φ2L, φ3 and φ4 have must more than 10816 cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com