Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF7 Datasheet(PDF) 1 Page - Schneider Electric

Part # PRF7
Description  Performance SurgeArrest 7 Outlet 120V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PRF7 Datasheet(HTML) 1 Page - Schneider Electric

  PRF7 Datasheet HTML 1Page - Schneider Electric PRF7 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
PRF7
Performance SurgeArrest 7 Outlet 120V
PRF7 has not been replaced. Please contact your customer care
center for more information.
Overview
Model Name
Performance SurgeArrest 7 Outlet 120V
Includes
User Manual
Standard Lead Time
Usually in Stock
Product Distribution
Canada , Mexico , United States
Output
Number of Outlets
7
Receptacle Style
NEMA 5-15R
Input
Nominal Input Voltage
120V
Input Frequency
50/60 Hz +/- 5 Hz (auto sensing)
Input Connections
NEMA 5-15P
Maximum Line Current per phase
15.0 A
Surge Protection and Filtering
Surge energy rating
480 Joules
EP Joule Rating
3420 Joules
EMI/RFI Noise rejection (100 kHz to
10 MHz)
70.0 dB
Peak Current Normal Mode
13 kA
Peak Current Common Mode
26.0 kA
Let Through Voltage Rating
40
Physical
Net Weight
2.0 lbs (0.91 kg)
Maximum Height
2.0 inches (51.0 mm)
Maximum Width
4.25 inches (108.0 mm)
Maximum Depth
10.5 inches (267.0 mm)
Shipping Weight
2.3 lbs (1.05 kg)
Apr 8, 2020
1


Similar Part No. - PRF7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PRF7T SCHNEIDER-PRF7T Datasheet
82Kb / 2P
Performance SurgeArrest 7 Outlet w/Tel 120V
Apr 8, 2020
More results

Similar Description - PRF7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NET9RMBLK ETC2-NET9RMBLK Datasheet
63Kb / 1P
APC Black Rackmount SurgeArrest 9 Outlet 120V
logo
Schneider Electric
NET3 SCHNEIDER-NET3 Datasheet
70Kb / 2P
Network SurgeArrest 3 Outlet 120V
Apr 8, 2020
NET3T SCHNEIDER-NET3T Datasheet
88Kb / 2P
Network SurgeArrest 3 Outlet w/Tel 120V
Apr 8, 2020
NET7 SCHNEIDER-NET7 Datasheet
76Kb / 2P
APC Network SurgeArrest, 7 outlet
Apr 8, 2020
PRF7T SCHNEIDER-PRF7T Datasheet
82Kb / 2P
Performance SurgeArrest 7 Outlet w/Tel 120V
Apr 8, 2020
PRF8T2 SCHNEIDER-PRF8T2 Datasheet
91Kb / 2P
Performance SurgeArrest 8 Outlet w/Tel 120V
Apr 8, 2020
PRF8TT SCHNEIDER-PRF8TT Datasheet
91Kb / 2P
Performance SurgeArrest 8 Outlet w/Tel-2 120V
Apr 8, 2020
PRF10TVNR SCHNEIDER-PRF10TVNR Datasheet
54Kb / 2P
Performance SurgeArrest 10 Outlet w/Tel, Coax & Network 120V Retail
Apr 8, 2020
PRO7 SCHNEIDER-PRO7 Datasheet
89Kb / 2P
APC Professional SurgeArrest, 7 outlet
Apr 8, 2020
PRO7T SCHNEIDER-PRO7T Datasheet
77Kb / 2P
APC Professional SurgeArrest, 7 outlet, phone
Apr 8, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com