Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2175SB Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2175SB
Description  Surge Breaker - QO - 22.5kA -120/240VAC - 1P3W - T2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2175SB Datasheet(HTML) 1 Page - Schneider Electric

  QO2175SB Datasheet HTML 1Page - Schneider Electric QO2175SB Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2175SB
Surge Breaker - QO - 22.5kA -120/240VAC -
1P3W - T2
Product availability : Stock - Normally stocked in distribution facility
Price** : 159.00 USD
Main
Product
Secondary surge arrester
Range
Surge Breaker
QO
Complementary
Surge Current
22.5 kA
Voltage Rating
120/240 V AC
Number of Phases
1 phase
Wiring Configuration
3-wire
MCOV
150 V
300 V
SCCR
22 kA
Local Signalling
1 LED green normal operation
Product destination
Load center QO
Height
3.7 in (93.98 mm)
Width
1.5 in (38.10 mm)
Depth
2.6 in (66.04 mm)
Environment
Enclosure Rating
NEMA 2
Ambient Operating
149 °F (65 °C)
Ordering and shipping details
Category
08461 - SURGE PROTECTION RESI
Discount Schedule
DE1B
GTIN
00785901210894
Apr 7, 2020
1


Similar Part No. - QO2175SB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2175 SCHNEIDER-QO2175 Datasheet
115Kb / 2P
Mini CB, QO, 175 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2175VH SCHNEIDER-QO2175VH Datasheet
115Kb / 2P
Mini CB, QO, 175 A, 2P, 120/240 V, 22 kA, Plug in
Dec 16, 2019
More results

Similar Description - QO2175SB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM250PSPD SCHNEIDER-HOM250PSPD Datasheet
108Kb / 2P
Surge Protect - Homeline - 50kA - 120/240VAC - 1P3W - T2 - CSA
Apr 7, 2020
HL1IMA12C SCHNEIDER-HL1IMA12C Datasheet
152Kb / 2P
Surge Protect - IMA - HL - 120kA - 120/240VAC - 1P3W - T2
HL1IMA16C SCHNEIDER-HL1IMA16C Datasheet
152Kb / 2P
Surge Protect - IMA - HL - 160kA - 120/240VAC - 1P3W - T2
Apr 16, 2020
HR1IMA12C SCHNEIDER-HR1IMA12C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 120kA - 120/240VAC - 1P3W - T2
HR1IMA16C SCHNEIDER-HR1IMA16C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 160kA - 120/240VAC - 1P3W - T2
HR1IMA24C SCHNEIDER-HR1IMA24C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 240kA - 120/240VAC - 1P3W - T2
MA1IMA24 SCHNEIDER-MA1IMA24 Datasheet
109Kb / 2P
Surge mod IMA - 240kA - 120/240VAC - 1P3W - T2 - CSA
TVS1IMA12O SCHNEIDER-TVS1IMA12O Datasheet
59Kb / 2P
Surge Protect - IMA - 120kA - 120/240VAC - 1P3W - T2
May 15, 2020
TVS1IMA16O SCHNEIDER-TVS1IMA16O Datasheet
101Kb / 2P
Surge Protect - IMA - 160kA - 120/240VAC - 1P3W - T2
May 15, 2020
TVS1IMA24O SCHNEIDER-TVS1IMA24O Datasheet
101Kb / 2P
Surge Protect - IMA - 240kA - 120/240VAC - 1P3W - T2
May 15, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com