Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9510ADP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9510ADP
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9510ADP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9510ADP Datasheet HTML 15Page - NXP Semiconductors PCA9510ADP Datasheet HTML 16Page - NXP Semiconductors PCA9510ADP Datasheet HTML 17Page - NXP Semiconductors PCA9510ADP Datasheet HTML 18Page - NXP Semiconductors PCA9510ADP Datasheet HTML 19Page - NXP Semiconductors PCA9510ADP Datasheet HTML 20Page - NXP Semiconductors PCA9510ADP Datasheet HTML 21Page - NXP Semiconductors PCA9510ADP Datasheet HTML 22Page - NXP Semiconductors PCA9510ADP Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PCA9510A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 8 September 2005
21 of 23
Philips Semiconductors
PCA9510A
Hot swappable I2C-bus and SMBus bus buffer
[4]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the
solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink
on the top side, the solder might be deposited on the heatsink surface.
[5]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[6]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[7]
Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger
than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
[8]
Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered
pre-mounted on flex foil. However, the image sensor package can be mounted by the client on a flex foil by
using a hot bar soldering process. The appropriate soldering profile can be provided on request.
[9]
Hot bar soldering or manual soldering is suitable for PMFP packages.
15. Abbreviations
16. Revision history
Table 7:
Abbreviations
Acronym
Description
AdvancedTCA
Advanced Telecommunications Computing Architecture
CDM
Charged Device Model
cPCI
compact Peripheral Component Interface
ESD
Electrostatic Discharge
HBM
Human Body Model
I2C-bus
Inter IC bus
MM
Machine Model
PCI
Peripheral Component Interface
PICMG
PCI Industrial Computer Manufacturers Group
SMBus
System Management Bus
VME
VERSAModule Eurocard
Table 8:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
PCA9510A_1
20050908
Product data sheet
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com