Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0234010. Datasheet(PDF) 1 Page - Littelfuse

Part # 0234010.
Description  5 x 20 mm Medium Acting Fuse 233/234 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0234010. Datasheet(HTML) 1 Page - Littelfuse

  0234010. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Designed to UL/CSA Standards
Axial Lead and Cartridge Fuses
5 x 20 mm Medium Acting Fuse 233/234 Series
301
www .littelfuse .com
8
• Designed to UL/ CSA/ANCE 248 Standard.
• Available in Cartridge, Axial and Radial Lead Format.
• Available in ratings of 1A to 10A.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
110%
1–3.5
4 hours, Minimum
4–10
1 hour, Minimum
135%
1–10
1 hour, Maximum
200%
1–10
3 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA. Approved by METI.
INTERRUPTING RATING:
1-3.5A
10,000 amperes at 125 VAC
100 amperes at 250 VAC
4A-10A
10,000 amperes at 125 VAC
200 amperes at 250 VAC
PACKAGING: For Axial Leads add packaging suffix XE. For
Radial Leads add packaging suffix XW. For tape and reel options
contact Littelfuse.
ORDERING INFORMATION:
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting
Number
Rating
Rating
Cold Ohms
I2t A2Sec
0233 001
1
125
0.18
2.03
0233 1.25
1.25
125
0.13
3.48
0233 01.6
1.6
125
0.088
6.31
0233 002.
2
125
0.068
10.2
0233 02.5
2.5
125
0.052
17.5
0233 003.
3
125
0.043
27.0
0233 3.15
3.15
125
0.038
30.6
0233 03.5
3.5
125
0.034
37.3
0233 004.
4
125
0.032
53.0
0233 005.
5
125
0.022
92.4
0233 006.
6
125
0.018
135
0233 06.3
6.3
125
0.017
156
0234 001
1
250
0.18
2.03
0234 1.25
1.25
250
0.13
3.48
0234 01.6
1.6
250
0.088
6.31
0234 002.
2
250
0.068
10.2
0234 02.5
2.5
250
0.052
17.5
0234 003.
3
250
0.043
27.0
0234 3.15
3.15
250
0.038
30.6
0234 03.5
3.5
250
0.034
37.3
0234 004.
4
250
0.032
10.7
0234 005.
5
250
0.022
21.2
0234 006.
6
250
0.018
33.9
0234 06.3
6.3
250
0.017
38.7
0234 008.
8
250
0.013
82.9
0234 010.
10
250
0.010
133
100
1000
10
1
0.1
CURRENT IN AMPERES
10000
1000
100
10
1
0.1
0.01
0.001
233 000 XE
234 000 XE
5
(.197)
5.25
(.207)
40
(1.58)
.635
(.025)
20
(.787)
5.02
±0.5
(.98
±.02)
20
±0.5
(.787
±.02)
10
±2
(.39
±.08)
25
±0.5
(.95
±.02)
233 000 XW
234 000 XW
233 000
234 000
22.5 MAX
(.886)
Average Time Current Curves
®
UL
®
Next
Previous


Similar Part No. - 0234010.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0234010. LITTELFUSE-0234010. Datasheet
137Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0234010. LITTELFUSE-0234010. Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0234010.M LITTELFUSE-0234010.M Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0234010.M- LITTELFUSE-0234010.M- Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0234010.M-ND LITTELFUSE-0234010.M-ND Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 0234010.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
5 x 20 mm Fast-Acting Fuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
5 x 20 mm Fast-Acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
5 x 20 mm Medium-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
5 x 20 mm Fast-Acting Fuse
02321.25MXEP LITTELFUSE-02321.25MXEP Datasheet
189Kb / 4P
232 Series, 5 x 20 mm, Medium-Acting Fuse
02331.25MXE- LITTELFUSE-02331.25MXE- Datasheet
194Kb / 4P
233 Series, 5 x 20 mm, Medium-Acting Fuse
02341.25MXEP LITTELFUSE-02341.25MXEP Datasheet
143Kb / 3P
234 Series, 5 x 20 mm, Medium-Acting Fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com