Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804455
Description  GMSTB 2,5 HCV/ 9-ST-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GMSTB 2,5 HCV/ 9-ST-7,62
Order No.: 1714346
The illustration shows the 5-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1714346
 
 
Plug component, Nominal current: 16 A, Rated voltage (III/2): 1000 V,
Number of positions: 9, Pitch: 7.62 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
046356
095631
Note
Made-to-order
sales group
E502
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 360 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
04/16/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
60.96 mm
Number of positions
9


Similar Part No. - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804455 PHOENIX-0804455 Datasheet
254Kb / 14P
PCB terminal block, Push-in spring connection
0804455 PHOENIX-0804455 Datasheet
141Kb / 5P
GMSTBA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 3-ST
More results

Similar Description - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714278 PHOENIX-1714278 Datasheet
86Kb / 5P
Plug - GMSTB 2,5 HCV/ 2-ST-7,62
1714281 PHOENIX-1714281 Datasheet
86Kb / 5P
Plug - GMSTB 2,5 HCV/ 3-ST-7,62
1714317 PHOENIX-1714317 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 6-ST-7,62
1714320 PHOENIX-1714320 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 7-ST-7,62
1714333 PHOENIX-1714333 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 8-ST-7,62
1714359 PHOENIX-1714359 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/10-ST-7,62
1714362 PHOENIX-1714362 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/11-ST-7,62
1714375 PHOENIX-1714375 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/12-ST-7,62
1767070 PHOENIX-1767070 Datasheet
141Kb / 5P
GMSTB 2,5/ 9-ST-7,62
1714304 PHOENIX-1714304 Datasheet
664Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62
Jan 10, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com