Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

262 Datasheet(PDF) 1 Page - Littelfuse

Part # 262
Description  MICRO FUSE Very Fast-Acting Type 262/268/269 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

262 Datasheet(HTML) 1 Page - Littelfuse

  262 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High-Reliability Subminiature
Axial Lead and Cartridge Fuses
MICRO™ FUSE Very Fast-Acting Type 262/268/269 Series
285
www .littelfuse .com
8
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1/500 –5
4 hours, Minimum
200%
1/500 –3/10
5 seconds, Maximum
4/10 –5
2 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
FUSES TO MIL SPEC: 262 Series is available in FM07A on QPL for
MIL-PRF-23419/7. To order, change 262 to 269.
INTERRUPTING RATING: 10,000 amperes at 125 VAC/VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: (1/500): MIL-STD-202, Method 213, Test Condition A
(50 G’s peak for 11 milliseconds).
(1/200–5): MIL-STD-202, Method 213,
Test Condition I (100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz); MIL-STD-202,
Method 204, Test Condition C (55–2000 Hz at 10 G’s Peak).
Salt Spray: MIL-STD-202, Method 101, Test Condition B.
Seal Test: MIL-STD-202, Method 112, Test Condition A
Insulation Resistance (After Opening): MIL-STD-202, Method
302, Test Condition A (1/2 Megohm minimum).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65°C to 125°C).
Moisture Resistance: MIL-STD-202, Method 106.
PHYSICAL SPECIFICATIONS:
Materials: Gold-Plated Copper Leads, Type II
(Fuse cap is also Gold-Plated).
Weight: 262 and 269 Series .36 Grams;
268 Series .48 Grams.
Lead Pull Force: MIL-STD-202, Method 211,
Test Condition A (will withstand a 5 lb. axial pull test).
AQL (Electrical Characteristics): Certified to 1% AQL.
Sampling: Per MIL-STD-105, Inspection Level II.
Traceability and Identification Records: Controlled by lot
number and retained on file for a minimum of three years. Copies of Lot
Certification Test data available when requested with order.
OPTIONS: Special screening tests, burn-in, etc. can be supplied on
special order to meet specific requirements.
PATENTED
Plug-In
Radial Lead
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Number
Number
Rating
Rating
Cold Ohms
262.002
268.002
1/500
125
2000
262.005
268.005
1/200
125
280
262.010
268.010
1/100
125
94.0
262.015
268.015
1/64
125
44.0
262.031
268.031
1/32
125
16.45
262.050
268.050
1/20
125
3.20
262.062
268.062
1/16
125
2.25
262.100
268.100
1/10
125
1.17
262.125
268.125
1/8
125
1.0
262.200
268.200
2/10
125
2.30
262.250
268.250
1/4
125
1.75
262.300
268.300
3/10
125
1.25
262.400
268.400
4/10
125
0.227
262.500
268.500
1/2
125
0.167
262.600
268.600
6/10
125
0.140
262.700
268.700
7/10
125
0.114
262.750
268.750
3/4
125
0.104
262.800
268.800
8/10
125
0.094
262 001
268 001
1
125
0.100
262 01.5
268 01.5
11/2
125
0.063
262 002
268 002
2
125
0.046
262 003
268 003
3
125
0.034
262 004
268 004
4
125
0.019
262 005
268 005
5
125
0.018
ORDERING INFORMATION:
Please contact Littelfuse for Average Time Current Curve.
®
®
QPL
7.37
(.29")
4.32
(.17")
2.54 (.10")
5.97
(.235")
7.37
(.29")
25.4
(1.0")
2.54
(.10")
262 000 Series
268 000 Series
Next
Previous


Similar Part No. - 262

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
262 CTS-262 Datasheet
262Kb / 2P
Commercial Miniature 10mm Conductive Plastic Trimmer Potentiometers
logo
List of Unclassifed Man...
262 ETC2-262 Datasheet
136Kb / 1P
Hi-gain, Hi-impedance amplifier
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
262 KEYSTONE-262 Datasheet
397Kb / 1P
9 VOLT BATTERY CONTACTS
31-07 20th
logo
Premier Farnell Limited...
262-006 DURATOOL-262-006 Datasheet
28Kb / 1P
Square End Rules
More results

Similar Description - 262

ManufacturerPart #DatasheetDescription
logo
Littelfuse
459 LITTELFUSE-459 Datasheet
65Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
460 LITTELFUSE-460 Datasheet
26Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
Fast Acting Radial Lead Micro Fuse Series
logo
Littelfuse
0262.002V LITTELFUSE-0262.002V Datasheet
160Kb / 3P
262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0272.002V LITTELFUSE-0272.002V Datasheet
161Kb / 3P
272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
316 Series PICO짰II, Very Fast-Acting Fuse
0262002.V LITTELFUSE-0262002.V Datasheet
160Kb / 3P
MICRO > Very Fast-Acting > 262/268/269 Series
logo
Bel Fuse Inc.
MRF BEL-MRF_13 Datasheet
1Mb / 4P
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com