Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322012P Datasheet(PDF) 1 Page - Littelfuse

Part # 322012P
Description  Axial Lead and Cartridge Fuses - Special
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

322012P Datasheet(HTML) 1 Page - Littelfuse

  322012P Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
439
www .littelfuse .com
11
3AB Very Fast-Acting Fuse 322P Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1– 30
4 hours, Minimum
250%
1–10
.2 second, Maximum
12– 30
1 second, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories from
1 through 10 amperes at 250 VAC/65 VDC, 12 through 30 amperes at 65
VAC/VDC.
INTERUPTING RATINGS:
1-10A
10,000A @ 125 VAC
100A @ 250 VAC
12-30A
200A @ 65 VAC
ORDERING INFORMATION:
Cartridge
Nominal
Catalog
Ampere
Voltage
Resistance
Number
Rating
Rating
Cold Ohms
322 001P
1
250
0.26
322 1.25P
11/4
250
0.175
322 002P
2
250
0.132
322 003P
3
250
0.063
322 004P
4
250
0.044
322 005P
5
250
0.035
322 006P
6
250
0.027
322 007P
7
250
0.022
322 008P
8
250
0.019
322 009P
9
250
0.016
322 010P
10
250
0.0135
322 012P
12
65
0.0052
322 015P
15
65
0.0043
322 020P
20
65
0.0034
322 025P
25
65
0.0029
322 030P
30
65
0.0023
For protection of silicon controlled rectifiers and similar solid-state devices.
322 000P Series
6.35 (.25")
31.75
(1.25")
®
Special
RoHS
Pb


Similar Part No. - 322012P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
322012 LITTELFUSE-322012 Datasheet
86Kb / 1P
Axial Lead and Cartridge Fuses
322012 LITTELFUSE-322012 Datasheet
30Kb / 1P
Axial Lead and Cartridge Fuses
322012. LITTELFUSE-322012. Datasheet
30Kb / 1P
Axial Lead and Cartridge Fuses
322012H LITTELFUSE-322012H Datasheet
30Kb / 1P
Axial Lead and Cartridge Fuses
More results

Similar Description - 322012P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLS10 LITTELFUSE-BLS10 Datasheet
37Kb / 1P
Axial Lead and Cartridge Fuses- Special Midget
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
Axial Lead and Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com