Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1PD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ES1PD
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1PD Datasheet(HTML) 1 Page - Vishay Siliconix

  ES1PD Datasheet HTML 1Page - Vishay Siliconix ES1PD Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches
and (millimeters)
0.000 (0.00)
0.012 (0.30)
0.013 (0.35)
0.004 (0.10)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.016 (0.40)
0.032 (0.80)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF
0.105
(2.67)
0.025
(0.635)
0.100
(2.54)
0.030
(0.762)
0.050
(1.27)
Cathode band
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.086 (2.18)
0.074 (1.88)
0.087 (2.20)
0.103 (2.60)
Case Style SMP
Maximum Ratings & Thermal Characteristics (TA = 25°C unless otherwise noted.)
Parameter
Symbol
ES1PA
ES1PB
ES1PC
ES1PD
Unit
Device marking code
EA
EB
EC
ED
Maximum reverse voltage
VRM
50
100
150
200
V
Maximum average forward rectified current see Fig.1
IF(AV)
1.0
A
Peak forward surge current 10ms single half sine-wave
superimposed on rated load
IFSM
30
A
Typical thermal resistance (1)
R
θJA
105
R
θJL
15
°C/W
R
θJC
20
Operating junction and Storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics (TA = 25°C unless otherwise noted.)
Parameter
Symbol
Value
Unit
Maximum instantaneous forward voltage(2) at IF=0.6A, TJ=25°C
VF
0.865
V
at IF=1A, TJ=25°C
0.920
Maximum reverse current
TJ = 25°C
5.0
µA
at rated VRM(2)
TJ =125°C
IR
500
Maximum reverse recovery time at IF=0.5A, IR=1A, Irr=0.25A
trr
15
ns
Typical reverse recovery time at
TJ=25°C
25
at IF = 1.0A, VR = 30V dv/dt = 50A/µs, Irr = 10% IRM TJ=100°C
trr
30
ns
Typical reverse recovery time at
TJ=25°C
8
at IF = 1.0A, VR = 30V dv/dt = 50A/µs, Irr = 10% IRM TJ=100°C
Qrr
10
nC
Typical junction capacitance at 4.0V, 1MHz
CJ
10
pF
Notes: (1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 5.0 x 5.0mm copper pad areas. R
θJL is measured at the ter-
minal of cathode band. R
θJC is measured at the top centre of the body
(2) Pulse test: 300µs pulse width, 1% duty cycle
Features
• Very low profile - typical height of 1.0mm
• For surface mount application
• Glass passivated chip junction
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power loss
• Built in strain relief, ideal for automated placement
• High temperature soldering:
260°C maximum/10 seconds at terminals
• Meets MSL level 1 per J-STD-020C
Mechanical Data
Case: SMP
Terminals: Matte Tin plated (E3 Suffix) leads, solderable
per J-STD-002B and MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.0009 oz., 0.024 g
Epoxy meets UL 94V-0 flammability rating
Mounting Pad Layout
ES1PA thru ES1PD
Vishay Semiconductors
formerly General Semiconductor
High Current Density Surface Mount Ultrafast Rectifiers
Reverse Voltage 50 to 200 V
Forward Current 1.0 A
Reverse Recovery Time 15 ns
Document Number 88918
www.vishay.com
23-Sep-04
1
New Product


Similar Part No. - ES1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PD VISHAY-ES1PD Datasheet
88Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
19-Apr-11
ES1PD VISHAY-ES1PD Datasheet
84Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
30-Oct-13
ES1PD VISHAY-ES1PD Datasheet
93Kb / 6P
High Current Density Surface Mount Ultrafast Rectifiers
19-Feb-15
ES1PD VISHAY-ES1PD Datasheet
103Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
08-Mar-2022
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
30-Oct-13
More results

Similar Description - ES1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
13-May-08
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
19-Apr-11
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
10-May-11
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
24-Aug-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
30-Oct-13
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
High Current Density Surface Mount Ultrafast Rectifiers
19-Feb-15
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
08-Mar-2022
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com