Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR84145 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # STR84145
Description  LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR84145 Datasheet(HTML) 3 Page - Allegro MicroSystems

  STR84145 Datasheet HTML 1Page - Allegro MicroSystems STR84145 Datasheet HTML 2Page - Allegro MicroSystems STR84145 Datasheet HTML 3Page - Allegro MicroSystems STR84145 Datasheet HTML 4Page - Allegro MicroSystems STR84145 Datasheet HTML 5Page - Allegro MicroSystems STR84145 Datasheet HTML 6Page - Allegro MicroSystems STR84145 Datasheet HTML 7Page - Allegro MicroSystems STR84145 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SIMPLIFIED OPERATION
ELECTRICAL CHARACTERISTICS at T
A = +25°C, voltage measurements are referenced to Common (pin 3)
(unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ. Max.
Units
On-State Voltage
V
TM
STR83145, I
T = 10 A*
–
–
1.8
V
STR84145, I
T = 12 A*
–
1.6
–
V
Off-State Current
I
DRM
STR83145, V
D = 500 V
–
–
100
µA
STR84145, V
D = 500 V
–
40
–
µA
Starting Voltage
V
S
V
T = 2 V
–
–
100
V
Startup Time Delay
t
D
C
2 = 1 µF, VMT1 ≥ 100 V dc
40
–
100
ms
DC Switch-Over Voltage
V
C
V
DELAY ≤ 1 V
200
205
210
V
Temperature Coefficient
of Switch-Over Voltage
α
VC
-20
°C ≤ T
M ≤ +100°C–
±45
–
mV/
°C
Input Current
I
MT1
Voltage-doubler mode, V
MT1 = 195 V
–
–
10
mA
Full-bridge mode, V
MT1 = 400 V
–
–
6.5
mA
Delay Terminal Voltage
V
DELAY
–
–
7.0
V
Triac Gate-Drive Osc. Freq.
f
o
V
gate ref. MT1, VMT1 = 100 V
–
15
–
kHz
Latch Reset Voltage
V
R
V
GATE = 400 mV
2.0
–
15
V
Thermal Resistance
RθJM
FET channel to mounting surface
–
–
1.8
°C/W
NOTES: Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical Data is for design information only.
*In practical use, IT is recommended derated to 70%.
+
+
240–373 V peak
+
+
246–373 V peak
Full-Bridge Mode
Dwg. EK-006
Voltage-Doubler Mode
STR83145 AND STR84145
LATCHED, UNIVERSAL
INPUT-VOLTAGE SWITCHES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com