Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR83145 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # STR83145
Description  LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR83145 Datasheet(HTML) 4 Page - Allegro MicroSystems

  STR83145 Datasheet HTML 1Page - Allegro MicroSystems STR83145 Datasheet HTML 2Page - Allegro MicroSystems STR83145 Datasheet HTML 3Page - Allegro MicroSystems STR83145 Datasheet HTML 4Page - Allegro MicroSystems STR83145 Datasheet HTML 5Page - Allegro MicroSystems STR83145 Datasheet HTML 6Page - Allegro MicroSystems STR83145 Datasheet HTML 7Page - Allegro MicroSystems STR83145 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STR83145 AND STR84145
LATCHED, UNIVERSAL
INPUT-VOLTAGE SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
TYPICAL CHARACTERISTICS
APPLICATIONS INFORMATION
WARNING — These devices are designed to be operated at lethal voltages and energy levels. Circuit
designs that embody these components must conform with applicable safety requirements. Precau-
tions must be taken to prevent accidental contact with power-line potentials. Do not connect
grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
205
200
040
80
210
FRAME TEMPERATURE in
°C
Dwg. GK-012
-20
20
60
100
4
2
0
2
6
STATIC ON-STATE CURRENT in AMPERES
Dwg. GK-013
04
10
6
12
8
8
10
FULL SINE WAVE
CONDUCTION ANGLE
θ1 + θ2 ≈ 360°
θ1
θ2
40
20
-25
+50
+100
10
AMBIENT TEMPERATURE in
°C
Dwg. GK-008
30
0
0
+25
+75
+125
VMT1 = 100 V
40
20
10
30
0
dc
FO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com