Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP03AD Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP03AD
Description  3W, 5W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AD Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP03AD Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AD Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AD Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP03(05)AD Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION:
TP03(05)AD series is 3W ,5W with wide input voltage range, for both AC input and DC input application, come
with Low power consumption <0.05W , low Leakage current @0.1mA ,miniature size:35*25.4*18mm ,and
good EMC performance, can meet the EMC and safety specifications: IEC / EN61000-4 CISPR32 / EN55032,
UL62368, EN62368, IEC62368 and other related standards. This series of power supplies have important
applications in many fields such as LED, street light control, industry, office and civil industries ,etc.***please
refer to the application circuit when the parts is applied in the environment with severe electromagnetic
compatibility.
3W, 5W 3KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2
%
Output Voltage Accuracy(3.3V output)
±3
%
Line Regulation
±1
%
Load Regulation
±1
%
Short Circuit Protection
over-voltage/over-current/short circuit protection, self-recovery
Temperature Coefficient
0~50℃
±0.03
%/℃
Start rising time
115VAC input
200
ms
Start rising time
230VAC input
100
ms
Output hold time
115VAC input
15
ms
Output hold time
230VAC input
40
ms
FEATURES
Universal input voltage range
Low Ripple &Noise
Wide input voltage: 4:1
Low power consumption <0.05W
High efficiency, high power density, miniature
Over load/short circuit protection
Both for AC and DC input voltage
RoHS compliant
Operating temperature: -40℃ to 70℃
SELECTION GUIDE
Part Number
Input
Output
Efficiency (Typ. )
%
Voltage VAC
Voltage VDC
Voltage(VDC)
Current(A)
TP03AD220S03W
85-305
120-430
3.3
0.70
66
TP03AD220S05W
85-305
120-430
5
0.60
76
TP03AD220S09W
85-305
120-430
9
0.33
78
TP03AD220S12W
85-305
120-430
12
0.25
79
TP03AD220S15W
85-305
120-430
15
0.20
80
TP03AD220S24W
85-305
120-430
24
0.12
81
TP05AD220S03W
85-305
120-430
3.3
1.00
68
TP05AD220S05W
85-305
120-430
5
1.00
78
TP05AD220S09W
85-305
120-430
9
0.56
79
TP05AD220S12W
85-305
120-430
12
0.42
80
TP05AD220S15W
85-305
120-430
15
0.33
81
TP05AD220S24W
85-305
120-430
24
0.21
81
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
DC input
120
220
430
VDC
Input Voltage Range
AC input
85
220
305
VAC
Input Frequency
47
440
HZ
Input Current
115VAC
95
mA
Input Current
230VAC
46
mA
Inrush Current
115VAC
10
A
Inrush Current
230VAC
30
A
Recommended External Fuse
Fusible resistor:10Ω/1W
Hot Plug
Unavailable
Leakage current
<
0.1mA at 265VAC/50Hz
TOPPOWER


Similar Part No. - TP03AD

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
705Kb / 4P
3W 3KV Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
241Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
470Kb / 4P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
705Kb / 4P
3W 3KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AD

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AL TOPPOWER-TP05AL Datasheet
214Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL TOPPOWER-TP05AL_19 Datasheet
789Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL_19 TOPPOWER-TP05AL_19_04 Datasheet
847Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR_V01 Datasheet
245Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com