Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP03AD220S03W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP03AD220S03W
Description  3W, 5W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AD220S03W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP03AD220S03W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AD220S03W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AD220S03W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP03(05)AD Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page 2 / 3
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature
≧50℃, derating @ 0.12W/℃
-40
+70
℃
Storage Temperature
-40
+85
℃
Storage Humidity
10
95
% .RH max
Operating Humidity
85% .RH max
Vibration coefficient
10~500Hz,2G10min./1cycle, 60min.each along X,Y,Z axes
SAFETY & ELECTROMAGNETIC COMPATIBILITY
Safety Standard
EN60950,EN60601,UL60950
Isolation voltage
I/P-O/P:4000VAC
Isolation resistance
I/P-O/P>100M Ohms/500VDC 25℃ 70% RH
Conduction and Radiation
EN55011, EN55022 (CISPR22) CLASS B (refer toTypical application circuit)
Electrostatic Discharge ( ESD)
IEC/EN 61000-4-2 level 4 8kV/15kV (refer toTypical application circuit)
RF radiation immunity (RF)
IEC/EN 61000-4-3 (refer toTypical application circuit)
Electrical Fast Transient Burst (EFT)
IEC/EN 61000-4-4 level 4 4kV (refer toTypical application circuit)
Surge
IEC/EN 61000-4-5 level 4 2kV
MTBF
200K hrs min.
MIL-HDBK-217F(25)
NOTES
1、
The data in this manual are measured at TA=25 ° C, humidity <75%, input nominal voltage 230Vac and output rated load,except for special instructions.
2、 Ripple and noise are measured with a bandwidth of 20MHz, using a 300mm twisted pair, and a 0.1uF high-frequency ceramic capacitor and a 47uF electrolytic
capacitor in parallel at the same time.
3、This power supply is considered as a component in the system, and it is necessary to confirm the electromagnetic compatibility with the terminal equipment.
APPLICATION CIRCUIT
APPLICATION CIRCUIT TYPICAL VALUES
Component
PN
FUSE
R
NF
MOV
CX
L1
C5
C4
D1
3.3V output
/
Fusible
resistor:
10Ω/1W
NF is
Common-mode
inductance,
the value
30mH,
current 0.5A.
MOV is
Varistors,
recommende
d value
14D561K
CX is Safety
grade
capacitance
,104K/275V
1Mh
/0.5A
470uF/16V
104K/50V
(
ceramic
capacitor)
P6KE6.8A
5V output
470uF/16V
P6KE6.8A
9V output
150uF/16V
P6KE16A
12V output
120uF/16V
P6KE16A
15V output
120uF/25V
P6KE20A
24V output
100uF/35V
P6KE33A
Case temperature shall not exceed the maximum case temperature.
Notes:
1. C4 is electrolytic capacitor ,recommend to use High-frequency low-resistance electrolytic capacitor
(the capacitance and current refer to data sheet) ,C5 is to filter out high frequency noise
2. The EMC filter within the dashed box is connected to meet the higher EMC requirements.it is not necessary in the general application
3.The components L1,CX,NF in the dashed box, we have made them into a filter , Named PN: FA01
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com