Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP50AW Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP50AW
Description  50W 1.5KVAC Isolation Wide Input AC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP50AW Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP50AW Datasheet HTML 1Page - Toppower Electronic Technology Limited TP50AW Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP50AW Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 2 of 2
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
industrial-class
-40
+70
Maximum case temperature
industrial-class
-25
+85
Storage temperature
Industry-class
-40
+95
Relative humidity
No condensation
5
90
RH(%)
Temperature coefficient
±0.02
%/℃
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
Pin
Single output
1
L
2
L
3
N
4
N
5
FG
6
-S
7
TRIM
8
+S
9
NC
10
NC
11
-Vo
12
-Vo
13
+Vo
14
+Vo
MODEL SELECTION
unit: mm tolerance of PIN diameter:±0.10MM Unmarked tolerances :±0.50MM
Case temperature shall not exceed the maximum case temperature
TP
50
A
W 220 S
05
W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com