Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP100AW Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP100AW
Description  100W 1.5KVAC Isolation Wide Input AC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP100AW Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP100AW Datasheet HTML 1Page - Toppower Electronic Technology Limited TP100AW Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP100AW Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 1 of 2
DESCRIPTION:
The rated output power of TP100AW converters is 100W with wide input voltage range, for both AC input and
DC input application. High reliability, precision, large power density, ultra-small size, stable output voltage and
etc, with 1500V isolation voltage, short circuit, overload, internal thermal protection, Widely used in
telecommunications, industrial control, instrument, data acquisition, signal control and other electronic systems.
100W 1.5KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Input / Output
1500
VAC
Isolation voltage
Input / case
1500
VAC
Isolation voltage
Output / case
500
VAC
MTBF
3×10
5
Case material
Six-side metal shield
Safety standard
CSA/NRTL/IEC/EN 60950-1,
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage accuracy
±1
%
Voltage regulation
±0.2
%
Load regulation
±0.5
%
Dynamic Response
(overshoot/recovery time)
±4%Vo/400us
Ripple and noise
,
Vo≥48Vdc:200,Others:100
Short-circuit protection
Auto-recovery
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage:2:1 and 4:1
RoHS compliant
Operating temperature: -25℃ to 70℃
/
Short circuit protection
/
/
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ. )
%
Capacitive ability(uF)
Rated
Range values
Voltage(VDC)
Current(A)
(
VAC)
TP100AW 220S12
220(2:1)
165-265
12
8.33
85
2200
TP100AW 220S15
220(2:1)
165-265
15
6.66
84
2200
TP100AW 220S24
220(2:1)
165-265
24
4.17
83
1000
TP100AW 220S48
220(2:1)
165-265
48
2.08
83
470
TP100AW 220S12W
220(4:1)
85-265
12
8.33
85
2200
TP100AW 220S15W
220(4:1)
85-265
15
6.66
84
2200
TP100AW 220S24W
220(4:1)
85-265
24
4.17
83
1000
TP100AW 220S48W
220(4:1)
85-265
48
2.08
83
470
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Startup voltage
220VAC In module(165V-265V)
165
220
265
VAC
Startup voltage
220VAC In module(85V-265V)
85
220
265
VAC
Start rising time
Non-capacitive load
20
ms


Similar Part No. - TP100AW

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TP100A TOPSTEK-TP100A Datasheet
106Kb / 2P
Topstek Current Transducers
More results

Similar Description - TP100AW

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AC TOPPOWER-TP05AC Datasheet
245Kb / 3P
5W 4KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
10W 4KV Isolation Wide Input AC/DC Converters
TP06AC TOPPOWER-TP06AC Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
30W 3KVAC Isolation Wide Input AC/DC Converters
TP15AC TOPPOWER-TP15AC Datasheet
741Kb / 3P
15W 4KVAC Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP50AW TOPPOWER-TP50AW Datasheet
233Kb / 2P
50W 1.5KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com