Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPAT030303 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPAT030303
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT030303 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPAT030303 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT030303 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT030303 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT030303 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPATXXX Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power systems
is required. these converters are qualified for the higher temperatures requested by lead-free reflow
solder processes, especially for automated SMD production lines.
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max.)
Efficiency
V
V
mA
%
TPAT030303
3.3
3.3/3.3
152/152
70
TPAT030505
3.3
5/5
100/100
70
TPAT030909
3.3
9/9
55/55
72
TPAT031212
3.3
12/12
42/42
75
TPAT031515
3.3
15/15
33/33
78
TPAT050303
5
3.3/3.3
152/152
70
TPAT050505
5
5/5
100/100
70
TPAT050909
5
9/9
55/55
72
TPAT051212
5
12/12
42/42
75
TPAT051515
5
15/15
33/33
80
TPAT120303
12
3.3/3.3
152/152
70
TPAT120505
12
5/5
100/100
70
TPAT120909
12
9/9
55/55
76
TPAT121212
12
12/12
42/42
75
TPAT121515
12
15/15
33/33
75
TPAT150505
15
5/5
100/100
75
TPAT150909
15
9/9
55/55
70
TPAT151212
15
12/12
42/42
70
TPAT151515
15
15/15
33/33
72
Add suffix “P” for continuous short circuit protection, for example TPAT050505P. Add suffix “X” has not 5,10,14,16 pin, for example TPAT050505X.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13
V
Voltage range
15V input variants
13.4
15
16.4
V
Reflected ripple current
40
50
mA p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
031212, 031515
110
kHz
Switching frequency
030303, 030505, 050303
115
kHz
Switching frequency
All other variants
120
kHz
FEATURES
RoHS compliant
Efficiency up to 80%
Operating temperature: -40℃to 105℃
CE certification
Footprint over pins 1.64cm2
Power density 1.36W/cm3
Input voltage: 3.3V, 5V, 12V,15V
Output voltage: dual 3.3V, 5V, 9V,12V,15V
UL 94V-0 package material
3KVDC isolation
Custom solutions available
/


Similar Part No. - TPAT030303

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPAT0303 TOPPOWER-TPAT0303 Datasheet
436Kb / 4P
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
TPAT0303 TOPPOWER-TPAT0303 Datasheet
769Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0303-2W TOPPOWER-TPAT0303-2W Datasheet
1Mb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0303-2W TOPPOWER-TPAT0303-2W Datasheet
772Kb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0303-W2 TOPPOWER-TPAT0303-W2 Datasheet
726Kb / 4P
0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
More results

Similar Description - TPAT030303

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPA-1W TOPPOWER-TPA-1W Datasheet
409Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1-5V TOPPOWER-TPA1-5V Datasheet
643Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT_19 Datasheet
769Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V_19 Datasheet
709Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V01 Datasheet
788Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V02 Datasheet
863Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com