Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBKB2220 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VBKB2220
Description  P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBKB2220 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VBKB2220 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ID -- VGS
Gate-to-Source Voltage, VGS -- V
ID -- VDS
Drain-to-Source Voltage, VDS -- V
IT15992
IT15993
0
--2.0
--0.4 --0.6 --0.8
--0.2
0
0
--7
--4
--3
--6
--5
--1
--2
--1.0
--0.2 --0.3 --0.4
--0.1
--0.5 --0.6 --0.7 --0.8 --0.9
0
--10
--9
--8
--7
--1.2
--1.0
--1.4 --1.6 --1.8
--6
--5
--4
--3
--1
--2
--1.6V
VGS= --1.5V
VDS= --10V
Ta=25
°C
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
0
100
1000
7
5
7
2
3
3
2
--20
--12
--2
--6
--8
--10
--16
--18
--14
--4
IT15999
IT15998
IT15997
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--0.001
--0.01
7
5
3
2
--0.1
7
5
3
2
--1.0
7
5
3
2
--10
7
5
3
2
2
IT15996
f=1MHz
Ciss
Coss
Crss
--0.01
--0.1
23
5 7
23
5 7
5
--1.0
7
23
10
7
5
2
3
5
7
2
3
2
3
0.1
1.0
VDS= --10V
25°
C
Ta=
--25
°C
75°
C
VGS=0V
1000
100
10
3
2
5
7
3
2
5
7
7
--0.01
--1.0
23
5 7
--0.1
23
5 7
23
5 7
--10
VDD= --10V
VGS= --4.5V
td(off)
tf
td(on)
tr
IT15994
IT15995
0
0
80
--12
--2
--4
--6
--8
--60 --40 --20
0
20
40
60
80
100 120 140 160
--10
70
50
60
40
20
30
10
0
80
20
30
10
70
40
60
50
VGS
= --2.5V
, ID=
--1.0A
VGS
= --1.8V
, ID=
--0.5A
Ta=25
°C
--3.0A
VGS
= --4.5V
, ID=
--3.0A
--1.0A
ID= --0.5A
VBKB2220
www.VBsemi.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com