Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBKB5245 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VBKB5245
Description  N- and P-Channel V(D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBKB5245 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VBKB5245 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Time Test Circuit
[N-channel]
[P-channel]
Ordering Information
Device
Package
Shipping
memo
EMH2604-TL-H
EMH8
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=2A
RL=5Ω
VDD=10V
VOUT
VIN
4.5V
0V
VIN
EMH2604
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --1.5A
RL=6.67Ω
VDD= --10V
VOUT
VIN
0V
--4.5V
VIN
EMH2604
[Nch]
[Nch]
[Nch]
[Nch]
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
IT13500
0
0
4.0
2.0
2.5
3.0
3.5
1.0
0.7
0.8
0.9
0.5
0.1
0.2
0.3
0.4
0.6
IT13499
1.5
1.0
0.5
1.5V
VGS=1.2V
0
0
5.0
2.0
1.0
0.5
1.5
2.5
1.5
0.5
3.0
4.0
4.5
3.5
2.0
1.0
VDS=10V
160
8
IT13501
110
0
20
10
30
40
50
60
70
80
90
100
IT13502
110
100
0
0246
7
135
Ta=25
°C
ID=0.5A
4A
--60 --40 --20
0
20
40
80
120
60
100
140
80
90
70
60
50
40
30
10
20
VGS
=1.8V
, ID
=0.5A
1A
VGS
=2.5V
, ID
=1A
VGS
=4.5V
, ID=4A
VBKB5245
www.VBsemi.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com