Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0446010. Datasheet(PDF) 1 Page - Littelfuse

Part # 0446010.
Description  EBF Fuse Fast-Acting Type 446/447 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0446010. Datasheet(HTML) 1 Page - Littelfuse

  0446010. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7
277
Surface Mount Fuses
www .littelfuse .com
350 Volt Surface Mount Fuse
EBF Fuse Fast-Acting Type 446/447 Series
•
Ideal for use in electronic lighting ballast, power supply and power
inverter applications.
•
Rated for use in 125, 250, 277 and 350 VAC circuits.
•
Based on the proven reliability of the automotive MINI® Fuse; avail-
able from 2 through 10 amperes.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
0.15 sec. Min., 5 Sec. Max
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and CSA Certified. Approved by
METI to 5 amperes.
AGENCY FILE NUMBERS: UL: E71611, CSA LR 29862.
INTERRUPTING RATINGS: 100 amperes at 350 VAC, 50 amperes
at 125 VDC and 450 amperes at 60VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –40°C to +125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Plastic Body
Terminations: Tin-Lead (95/5) plated Zn, Ni barrier
Soldering Parameters:
Reflow Solder — 235°C, 5 seconds maximum.
No-clean process recommended.
Wave Solder — Not recommended.
Non-plated terminal surfaces may not meet
MIL-STD-202, Method 208.
PACKAGING SPECIFICATIONS:
24mm Tape and Reel per EIA-RS481
(Equivalent to IEC 286, part 3); 800 fuses per reel,
add packaging suffix, ZR.
Shelf Life: Up to 1 year in Factory sealed packaging.
ORDERING INFORMATION:
•
Through-hole version of the 446 series.
ELECTRICAL CHARACTERISTICS: Same as 446 Series.
Dimensions: Contact Littelfuse for specifications.
Soldering Parameters: Contact Littelfuse for soldering parameters.
Inside terminal face of each lead is non-plated zinc. Non-plated zinc
terminal faces may not meet MIL-STD-202, method 208. To ensure that
the fuse is acceptable for the application, appropriate application testing
should be performed.
Packaging Specifications: Bulk Pack (4,000 pieces per pack)
PAT
LF
350V
10.92
(.430")
8.76
(.345")
(.032")
0.81
(.295")
7.49
1.50 (.059") MAX
3.2 (.126")
0.81
(.032")
3.2
(.126")
5.59
(.220")
3.81
(.150")
1.52
(.060")
1.44
(.057")
5.91
(.233")
8.81
(.347")
4.03
(.159")
1.27
(.050") Dia
10.11
(.398")
Reference Dimensions
(Inches):
Recommended
Pad Layout:
447 Mounting
Holes:
1000
100
10
1
0.1
0.01
1000
100
10
1
0.1
CURRENT IN AMPERES
Average Time Current Curves
®
®
Ampere
Voltage
Nominal
Nominal
Catalog
Rating
Rating
Cold
Melting I
2t
Number
(A)
(VAC)
Resistance(
Ω)(A2sec)
0446 002.
2
350
0.0560
2.8
0446 003.
3
350
0.0340
9.4
0446 004.
4
350
0.0240
17
0446 005.
5
350
0.0180
25
0446 07.5
7.5
350
0.0110
68
0446 010.
10
350
0.0073
93
EBF Fuse Fast-Acting Type 447 Series
®
®
Previous


Similar Part No. - 0446010.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0446010 LITTELFUSE-0446010 Datasheet
330Kb / 1P
350 Volt Surface Mount Fuse
More results

Similar Description - 0446010.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
460 LITTELFUSE-460 Datasheet
26Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
0446003.ZRP LITTELFUSE-0446003.ZRP Datasheet
182Kb / 4P
EBF Fuse Fast-Acting > 446/447 Series
logo
Bel Fuse Inc.
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADHC0440-BE BEL-0ADHC0440-BE Datasheet
880Kb / 4P
Type 0ADH Fast-Acting Fuse Series
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
logo
ETA SOLUTIONS CO. LIMIT...
446 ETA-446 Datasheet
212Kb / 2P
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
2013/14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com