Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R452003. Datasheet(PDF) 1 Page - Littelfuse

Part # R452003.
Description  NANO2 SIO-BIO Fuse 452/454 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

R452003. Datasheet(HTML) 1 Page - Littelfuse

  R452003. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7
269
Surface Mount Fuses
www .littelfuse .com
Subminiature Surface Mount
NANO
2®
Slo-Blo® Fuse 452/454 Series
Tin-Lead
Silver
Nominal
Nominal
Plated
Plated
Ampere
Voltage
Resistance Melting I
2t
Catalog #
Catalog #
Rating
Rating
Cold Ohms
A
2 Sec.
R452.375
0454.375
3/8
125
1.20
0.101
R452.500
0454.500
1/2
125
0.700
0.240
R452.750
0454.750
3/4
125
0.360
0.904
R452 001.
0454 001.
1
125
0.225
1.98
R452 01.5
0454 01.5
11/2
125
0.0930
3.65
R452 002.
0454 002.
2
125
0.0625
8.20
R452 02.5
0454 02.5
21/2
125
0.0450
15.0
R452 003.
0454 003.
3
125
0.0340
20.16
R452 03.5
0454 03.5
31/2
125
0.0224
26.53
R452 004.
0454 004.
4
125
0.0186
34.40
R452 005.
0454 005.
5
125
0.0136
53.72
The NANO2 Slo-Blo fuse has enhanced inrush withstand characteristics
over the NANO2 Fast-Acting fuse. The unique time delay feature of this
fuse design helps solve the problem of nuisance “opening” by accommo-
dating inrush currents that normally cause a fast-acting fuse to open.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Min.; 60 seconds, Max.
300%
0.2 seconds, Min.; 3 seconds, Max.
800%
0.02 seconds, Min.; 0.1 seconds, Max.
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
50 amperes at 125 VAC/VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I (100 G’s peak for
6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz, .06 in. total excursion).
Salt Spray: MIL-STD-202, Method 101, Test Condition B (48 hrs.).
Insulation Resistance (After Opening): MIL-STD-202,
Method 302, Test Condition A, (10,000 ohms minimum).
Resistance to Soldering Heat: MIL-STD-202, Method 210,
(3 sec. at 260°C).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65 to 125°C).
Moisture Resistance: MIL-STD-202, Method 106,
High Humidity (90-98 RH), Heat (65°C).
PHYSICAL SPECIFICATIONS:
Materials: Body: Ceramic
Terminations: Tin-Lead Alloy or Silver
Plated Brass Caps.
Soldering Parameters:
Wave Solder — 260°C, 3 seconds maximum
Reflow Solder — 230°C, 30 seconds maximum
Solderability: MIL-STD-202, Method 208.
PACKAGING SPECIFICATIONS: 12mm Tape and Reel per EIA-
RS481-1 (IEC 286, part 3); 1,000 per reel; 5,000 piece reel also available.
Marking: The 452/454 series Slo-Blo fuse marking includes the letter
“T” to designate time delay characteristics.
PATENTED
ORDERING INFORMATION:
1000
100
10
1
0.1
0.01
1000
100
10
1
0.1
CURRENT IN AMPERES
Refer to pg. 271 for SMF Omni-Blok® Holder, Series 154 000T.
®
®
Average Time Current Curves
1 A
T
6.86
(.270")
3.15
(.124")
2.95
(.116")
1.96
(.077")
2.69
(.106")
2.69
(.106")
1.45
(.057")
6.10
(.240")
Recommended pad layout
F
Next
Previous


Similar Part No. - R452003.

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R45 ISC-R45 Datasheet
304Kb / 2P
isc Silicon NPN RF Transistor
R45 ISC-R45 Datasheet
275Kb / 2P
isc Silicon NPN RF Transistor
logo
Hamamatsu Corporation
R4504 HAMAMATSU-R4504 Datasheet
33Kb / 2P
PHOTOMULTIPLIER TUBE
logo
Littelfuse
R451.062 LITTELFUSE-R451.062 Datasheet
102Kb / 1P
NANO2 FUSE Very Fast-Acting 451/453 Series
R451.080 LITTELFUSE-R451.080 Datasheet
102Kb / 1P
NANO2 FUSE Very Fast-Acting 451/453 Series
More results

Similar Description - R452003.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.375MR LITTELFUSE-0452.375MR Datasheet
190Kb / 3P
Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
0452.750MRL LITTELFUSE-0452.750MRL Datasheet
190Kb / 3P
Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
0452.750NRL LITTELFUSE-0452.750NRL Datasheet
190Kb / 3P
Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
0454.500MR LITTELFUSE-0454.500MR Datasheet
190Kb / 3P
Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045201.5MRL LITTELFUSE-045201.5MRL Datasheet
190Kb / 3P
Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045202.5MR LITTELFUSE-045202.5MR Datasheet
190Kb / 3P
Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452002.NRL LITTELFUSE-0452002.NRL Datasheet
190Kb / 3P
Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452003.NRL LITTELFUSE-0452003.NRL Datasheet
190Kb / 3P
Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0454003.MR LITTELFUSE-0454003.MR Datasheet
190Kb / 3P
Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
0454004.MR LITTELFUSE-0454004.MR Datasheet
190Kb / 3P
Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com