Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2B6M4ASL Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # DF2B6M4ASL
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6M4ASL Datasheet(HTML) 5 Page - Toshiba Semiconductor

  DF2B6M4ASL Datasheet HTML 1Page - Toshiba Semiconductor DF2B6M4ASL Datasheet HTML 2Page - Toshiba Semiconductor DF2B6M4ASL Datasheet HTML 3Page - Toshiba Semiconductor DF2B6M4ASL Datasheet HTML 4Page - Toshiba Semiconductor DF2B6M4ASL Datasheet HTML 5Page - Toshiba Semiconductor DF2B6M4ASL Datasheet HTML 6Page - Toshiba Semiconductor DF2B6M4ASL Datasheet HTML 7Page - Toshiba Semiconductor DF2B6M4ASL Datasheet HTML 8Page - Toshiba Semiconductor DF2B6M4ASL Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DF2B6M4ASL
5
7.
7.
7.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Electrostatic discharge voltage (IEC61000-4-2) (Contact)
Electrostatic discharge voltage (IEC61000-4-2) (Air)
Peak pulse power (tp = 8/20 µs)
Peak pulse current (tp = 8/20 µs)
Junction temperature
Storage temperature
Symbol
VESD
PPK
IPP
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
±15
±15
30
2
150
-55 to 150
Unit
kV
W
A
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: According to IEC61000-4-2.
Note 2: According to IEC61000-4-5.
8.
8.
8.
8. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
VRWM: Working peak reverse voltage
VT: Trigger voltage
VH: Holding voltage
(Reverse breakdown voltage)
It1: Test current (Reverse breakdown current)
IR: Reverse current
VC: Clamp voltage
IPP: Peak pulse current
RDYN: Dynamic resistance
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Characteristics
Working peak reverse voltage
Total capacitance
Dynamic resistance
Trigger voltage
Holding voltage
Reverse current
Clamp voltage
Symbol
VRWM
Ct
RDYN
VT
VH
IR
VC
Note
(Note 1)
(Note 2)
(Note 3)
(Note 2)
Test Condition
VR = 0 V, f = 1 MHz
It1 = 1 mA
VRWM = 5.5 V
IPP = 1 A
IPP = 2 A
ITLP = 8 A
ITLP = 16 A
Min
5.6
5.6
Typ.
0.15
0.7
6.2
8.8
10
15
20
Max
5.5
0.2
8.0
0.1
15
Unit
V
pF
Ω
V
V
µA
V
V
Note 1: Recommended operating condition.
Note 2: TLP parameters: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns, extraction of
dynamic resistance using least squares fit of TLP characteristics between IPP1 = 8 A and IPP2 = 16 A.
Note 3: Based on IEC61000-4-5 8/20 µs pulse.
2019-08-05
Rev.1.0
©2019
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com