Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0467002. Datasheet(PDF) 1 Page - Littelfuse

Part # 0467002.
Description  SlimLine Lead-Free 0603 Very Fast-Acting Fuse 467 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0467002. Datasheet(HTML) 1 Page - Littelfuse

  0467002. Datasheet HTML 1Page - Littelfuse 0467002. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
370
Surface Mount Fuses
www .littelfuse .com
Lead-Free Thin-Film
SlimLine
™ Lead-Free 0603 Very Fast-Acting Fuse 467 Series
®
®
• RoHS compliant and Lead-Free.
• Product is compatible with lead-free solders and higher
temperature profiles.
• High performance materials provide improved performance in elevated
ambient temperature applications.
• Product is marked on top surface with code to allow amperage rating
identification without testing.
• Low profile for height sensitive applications.
• Flat top surface for pick-and-place operations.
• Element covering material is resistant to industry standard
cleaning operations.
• Mounting pad and electrical performance is identical to Littelfuse 431
and 434 Series products.
• Alloy based element construction provides superior inrush withstand
characteristics (I2t) over ceramic or glass based 0603 fuse products.
ELECTRICAL CHARACTERISTICS:
1.09
(.043")
REFLOW SOLDER
1.60
(.063")
.305
(.012")
.279
(.011")
.18
(.007")
.127
(.005")
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE CHART)
R
REF.
1.02
(.040")
.762
(.030")
2.54
(.100")
1.09
(.043")
WAVE SOLDER
3.20
(.126")
1.09
(.043")
1.02
(.040")
.813
(.032")
Sn
Sn
Cu
Sn
Coating
Reference Dimensions:
% of Ampere
Opening
Rating
Time at 25
°C
100%
4 hours, Minimum
200%
5 seconds, Maximum
300%
0.2 seconds, Maximum
Soldering Parameters(see page 3 for typical soldering profile):
Wave Solder — 260°C, 10 seconds max
Reflow Solder — 260°C, 30 seconds max
NEW
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862
INTERRUPTING RATINGS:
0.25 – 1A
50A at 32V AC/DC
1.25 – 5A
35A at 32V AC/DC
PHYSICAL SPECIFICATIONS:
Materials: Body: Advanced High Temperature Substrate
Terminations: 100% Copper/Nickel/Tin
Element Cover Coat: Conformal Coating
Pb
RoHS


Similar Part No. - 0467002.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0467002.NR LITTELFUSE-0467002.NR Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467002.NRHF LITTELFUSE-0467002.NRHF Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467002.NRHF LITTELFUSE-0467002.NRHF Datasheet
839Kb / 3P
Thin Film > 0603 Size > Very Fast-Acting > 467 Series
Revised: January 10, 2012
More results

Similar Description - 0467002.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
322/332 Series Lead-free 3AB, Very Fast-acting Fuse
0467.250NR LITTELFUSE-0467.250NR Datasheet
839Kb / 3P
Thin Film > 0603 Size > Very Fast-Acting > 467 Series
Revised: January 10, 2012
0467.250NRHF LITTELFUSE-0467.250NRHF Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467.500NRHF LITTELFUSE-0467.500NRHF Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
04671.25NR LITTELFUSE-04671.25NR Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
046701.5NR LITTELFUSE-046701.5NR Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467002.NRHF LITTELFUSE-0467002.NRHF Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467004.NRHF LITTELFUSE-0467004.NRHF Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467005.NR LITTELFUSE-0467005.NR Datasheet
839Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
322 LITTELFUSE-322 Datasheet
1Mb / 3P
322/332 Series Lead-free 3AB, Very Fast-acting Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com