Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP6030VA-R82M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP6030VA-R82M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP6030VA-R82M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP6030VA-R82M Datasheet HTML 1Page - Bourns Electronic Solutions SRP6030VA-R82M Datasheet HTML 2Page - Bourns Electronic Solutions SRP6030VA-R82M Datasheet HTML 3Page - Bourns Electronic Solutions SRP6030VA-R82M Datasheet HTML 4Page - Bourns Electronic Solutions SRP6030VA-R82M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRP6030VA-100M
14.0
11.2
8.4
5.6
2.8
0
DC Current (A)
0
1.2
2.4
3.6
4.8
6.0
100
80
60
40
20
0
100
80
60
40
20
0
SRP6030VA-5R6M
8.0
6.4
4.8
3.2
1.6
0
DC Current (A)
0
1.7
5.1
3.4
6.8
8.5
100
80
60
40
20
0
SRP6030VA-150M
20.0
16.0
12.0
8.0
4.0
0
DC Current (A)
01
3
24
5
DC Current (A)
9.0
7.2
5.4
3.6
1.8
0
SRP6030VA-6R8M
100
80
60
40
20
0
0
1.5
3.0
4.5
6.0
7.5
DC Current (A)
30.0
24.0
18.0
12.0
6.0
0
SRP6030VA-220M
100
80
60
40
20
0
0
0.9
1.8
2.7
3.6
4.5
L vs. I Charts (Continued)
SRP6030VA Series – Shielded Power Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com