Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0467003. Datasheet(PDF) 2 Page - Littelfuse

Part # 0467003.
Description  SlimLine Lead-Free 0603 Very Fast-Acting Fuse 467 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0467003. Datasheet(HTML) 2 Page - Littelfuse

  0467003. Datasheet HTML 1Page - Littelfuse 0467003. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
371
Surface Mount Fuses
www .littelfuse .com
Lead-Free Thin-Film
SlimLine
™ Lead-Free 0603 Very Fast-Acting Fuse 467 Series
Average Time Current Curves
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: -550C - + 900C
* For operation above 90°C contact Littelfuse
Vibration: Per MIL-STD-202F
Insulation Resistance (After Opening):
Greater than 10,000 ohms.
Resistance to Soldering Heat: Withstands 60 seconds above
2000C up to 2600C, maximum
Thermal Shock: Withstands 5 cycles of -550 to 1250C
PACKAGING SPECIFICATIONS:
8mm Tape and Reel per EIA-RS481-2 (IEC 286, part 3); 5,000 per reel,
add package suffix, NR.
Patents: Patended
Ordering Information:
Nominal
Nominal
Catalog
Ampere
Marking
Voltage
Resistance
1
Melting I
2t
Number
Rating
Code
Rating
(Ω)(A
2 Sec.)2
0467.250
.25
D
32
0.435
0.0030
0467.375
.375
E
32
0.275
0.0053
0467.500
.5
F
32
0.180
0.0087
0467.750
.75
G
32
0.112
0.0171
0467 001.
1
H
32
0.062
0.0212
0467 1.25
1.25
J
32
0.050
0.0518
0467 01.5
1.5
K
32
0.040
0.0766
0467 1.75
1.75
L
32
0.028
0.0903
0467 002.
2
N
32
0.024
0.1103
0467 02.5
2.5
O
32
0.020
0.1440
0467 003.
3
P
32
0.016
0.2403
0467 03.5
3.5
R
32
0.013
0.4306
0467 004.
4
S
32
0.011
0.5760
0467 005.
5
T
32
0.0085
0.9000
1
Measured at 10% of rated current, 25°C.
2
Measured at rated voltage.
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
Pb
RoHS
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com