Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0481020. Datasheet(PDF) 1 Page - Littelfuse

Part # 0481020.
Description  Blade Terminal & Special Purpose Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0481020. Datasheet(HTML) 1 Page - Littelfuse

  0481020. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Blade Terminal & Special Purpose Fuses
460
www .littelfuse .com
481 Series Alarm Indicating Fuse
1000
100
10
1
0.1
0.01
1000
100
10
1
0.1
CURRENT IN AMPERES
Average Time Current Curves
• Ideal for telecommunications and control panel circuits.
• Eliminates down time by immediately pinpointing the blown (open)
circuit while triggering LED or audio alarm, while placed in mating
holder (482 Series).
• Clear plastic lens option available for additional safety.
®
®
ELECTRICAL CHARACTERISTICS:
% of Ampere
Rating
Opening Time
100%
10 minutes, Minimum
150%
5 minutes, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and the Components Acceptance Program
of CSA.
AGENCY FILE NUMBERS: UL E71611, CSA LR 29862
INTERRUPTING RATINGS:
450 amperes at 60 VDC
300 amperes at 125 VAC (up to 20 amperes)
300 amperes at 125 VDC (up to 15 amperes)
200 amperes at 125 VDC (up to 20 amperes)
ENVIRONMENTAL SPECIFICATION:
Operating Temperature: –55°C to +125°C
PHYSICAL SPECIFICATIONS:
Construction Materials:
Body:
Polyphenylene Sulfide (UL 94V0)
Terminations:
Beryllium Copper/Tin Plated
Optional Lens:
Nylon
PACKAGING SPECIFICATIONS:
Available in five (5) packs or boxes of one hundred (100). When ordering
a Five (5) Pack, please add the letter ‘V’ after the catalog number. When
ordering a one hundred (100) piece box, add a ‘H’. To order the part with
a Protective Lens, add the letters ‘XL’ after the package code.
Ampere
Voltage
Body
Nominal Cold
Minimum
Catalog
Rating
Rating
Color
Resistance
Melting I2t
Number
(A)
Code
Ohms
(A2 Sec.)
0481.180
18/100
Yellow
6.25
0.00808
0481.200
1/5
Red/Black
5.70
0.0140
0481.250
1/4
Violet
4.20
0.0356
0481.375
3/8
Gray/White
2.00
0.028
0481.500
1/2
Red
1.52
0.139
0481.650
65/100
Black
1.25
0.278
0481.750
3/4
Brown
.980
0.363
0481001.
1
Gray
.665
0.733
04811.33
11/3
125 VAC
White
.480
1.58
048101.5
11/2
&
Yellow/White
.385
2.55
0481002.
2
125 VDC
Orange
.120
5.29
048102.5
21/2
Orange/White
.0904
9.46
0481003.
3
Blue
.0670
11.2
048103.5
31/2
Blue/White
.0415
10.5
0481004.
4
Brown/White
.0350
15.4
0481005.
5
Green
.0285
26.2
048107.5
71/2
Black/White
.0113
42.8
0481010.
10
Red/White
.00840
115.3
0481012.
12
Green/Yellow
.00660
222.5
0481015.
15
Red/Blue
.00580
294.22
0481020.
20*
Green/White
.00394
570.0
0481000.
Dummy
ø
*20A Fuseholder must be used. Fuse is keyed to prevent insertion in lower rated holders.
20A Fuseholder is designed to accept all ratings up to 20 amperes.
ORDERING INFORMATION:
22.9mm
(.90") MIN.
5.8mm
(.23")
5.3mm
(.21")
16.9mm
(.665") MAX.
11.7mm
(.46")
17.8mm (.70")
19.6mm
(.77")
21.3mm
(0.84")
REF.
LENS
2.77
(.109")
2.79
(.110")
4.45
(.175")
1-15A
20A*
Reference Dimensions:
*20A Fuseholder must be used. Fuse is keyed to prevent insertion in lower rated holders.
20A Fuseholder is designed to accept all ratings up to 20 amperes.


Similar Part No. - 0481020.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0481020.HXL LITTELFUSE-0481020.HXL Datasheet
143Kb / 2P
Special Application Fuses 481 Series Alarm Indicating Fuse
0481020.HXLP LITTELFUSE-0481020.HXLP Datasheet
143Kb / 2P
Special Application Fuses 481 Series Alarm Indicating Fuse
0481020.HXP LITTELFUSE-0481020.HXP Datasheet
143Kb / 2P
Special Application Fuses 481 Series Alarm Indicating Fuse
0481020.VXLP LITTELFUSE-0481020.VXLP Datasheet
143Kb / 2P
Special Application Fuses 481 Series Alarm Indicating Fuse
More results

Similar Description - 0481020.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
257 LITTELFUSE-257 Datasheet
55Kb / 1P
Blade Terminal & Special Purpose Fuses -Low Voltage
297 LITTELFUSE-297 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
299 LITTELFUSE-299 Datasheet
51Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
482 LITTELFUSE-482 Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
498 LITTELFUSE-498 Datasheet
66Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
Blade Terminal & Special Purpose Fuses - Surge Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
Blade Terminal & Special Purpose Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com