Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

562 Datasheet(PDF) 1 Page - Littelfuse

Part # 562
Description  SUBMINIATURE FUSEHOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

562 Datasheet(HTML) 1 Page - Littelfuse

  562 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050901
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
5,08
∅0,65
∅0,51
7,62
5,08
7,62
∅0,65
5,08
3.0
2.4
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
SSSSSUBMINIA
UBMINIA
UBMINIA
UBMINIA
UBMINIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
100
bulk (1000 pcs.)
Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 5.08mm pin spacing
Materials
Materials
Materials
Materials
Materials
Holder:
Black Thermoplastic, UL94 V-0
Nylon 46
Terminals:
Copper alloy; solderable
tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Max. Current/Power:6.3A/1.6W
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.1mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.12g
Packaging
Packaging
Packaging
Packaging
Packaging
100
Tape/Reel (1500 pcs.)
Carrier tape width 16 mm
Reel diameter 33 cm
Order
Number
Order
Number
Order
Number
Order
Number
Order
Number
Holder
No. 564 0000 100
Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 5.08mm pad spacing
Materials
Materials
Materials
Materials
Materials
Holder:
Black Thermoplastic, UL94 V-0
Nylon 46
Terminals:
Copper alloy; solderable
tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Max. Current/Power: 6.3A/1.6W
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.1mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.44g
Holder / No.
Holder / No.
Holder / No.
Holder / No.
Holder / No. 562
562
562
562
562 PC Mount,
PC Mount,
PC Mount,
PC Mount,
PC Mount,
for TR5
for TR5
for TR5
for TR5
for TR5®®®®®/TE5
/TE5
/TE5
/TE5
/TE5®®®®® Fuses
Fuses
Fuses
Fuses
Fuses
Holder / No.
Holder / No.
Holder / No.
Holder / No.
Holder / No. 564
564
564
564
564
Surface Mount,
Surface Mount,
Surface Mount,
Surface Mount,
Surface Mount,
for TR5
for TR5
for TR5
for TR5
for TR5®®®®®/TE5
/TE5
/TE5
/TE5
/TE5®®®®® Fuses
Fuses
Fuses
Fuses
Fuses
recommended Pad Layout (mm)
recommended Pad Layout (mm)
recommended Pad Layout (mm)
recommended Pad Layout (mm)
recommended Pad Layout (mm)
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Packaging
Packaging
Packaging
Packaging
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
562
0000
100
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Packaging
Packaging
Packaging
Packaging
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
564
0000
100
Specifications are subject
to change without notice
Specifications are subject
to change without notice


Similar Part No. - 562

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
562 MALLORY-562 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
Oscilent Corporation
562 OSCILENT-562 Datasheet
134Kb / 2P
PECL Output
logo
Littelfuse
562 LITTELFUSE-562 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
562 ADAFRUIT-562 Datasheet
137Kb / 2P
Panel Mount 10K potentiometer (Breadboard Friendly) 10K Linear
2-6-24
logo
Walther-Werke
562 WALTHER-562 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 562

ManufacturerPart #DatasheetDescription
logo
Littelfuse
559 LITTELFUSE-559 Datasheet
117Kb / 1P
SUBMINIATURE FUSEHOLDERS
570 LITTELFUSE-570 Datasheet
92Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
FUSEHOLDERS
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
Fuseholders
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
FUSEHOLDERS
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
Fuseholders
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
Fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com