Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA16E6M Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # BA16E6M
Description  TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX, 22-16 AWG, #6 STUD SIZE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BA16E6M Datasheet(HTML) 1 Page - Hubbell Incorporated.

  BA16E6M Datasheet HTML 1Page - Hubbell Incorporated. BA16E6M Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Connector Type
Terminal
Feature - Barrel Style
Shrouded
Insulation
Y
Insulation Type
Vinyl
Material
Copper
Physical Attribute - Number of Holes
1
Physical Attribute - Tongue Type
Ring
Plated
Y
Plating Type
Tin - Electro Plated
Trade Name
VINYLUG™
Type
Ring Tongue
UPC
781810029060
UPC 12 Digit
7818100290600
Dimensions
Dimension - Hole Size fraction
3/20
Dimension - Hole Size inch
0.15 in
Dimension - Length Overall inch
0.74 in
Dimension - Pad Width inch
0.25 in
Dimension - Stud Size inch
#6
Dimension - Z inch
0.18 in
Conductor Related
Conductor - Copper Solid Size Range
20 AWG -22 AWG; 16 AWG -18 AWG
Conductor - Copper Str Size Range
20 AWG -22 AWG; 16 AWG -18 AWG
Conductor Type
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL467
Standards - Industry Standards Met
UL467
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
2000
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BA16E6M
by Burndy
Catalog ID: BA16E6M
Prop 65 Notice
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX.
105° C MAX, 22-16 AWG, #6 STUD SIZE


Similar Part No. - BA16E6M

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BA16E6 HUBBELL-BA16E6 Datasheet
261Kb / 2P
Copper Terminal, Ring Tongue, 22-16 AWG, #4-#6 Stud, Vinyl Insulated.
More results

Similar Description - BA16E6M

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BA10E6 HUBBELL-BA10E6 Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING TONGUE, #6 STUD, 600 VOLTS MAX. 105째 C MAX.
BA10E6M HUBBELL-BA10E6M Datasheet
258Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX.
BA10E14M HUBBELL-BA10E14M Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX.
BA14E38M HUBBELL-BA14E38M Datasheet
257Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX.
BA16E4 HUBBELL-BA16E4 Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX, 22-16 AWG, #4 STUD SIZE
BA16E8M HUBBELL-BA16E8M Datasheet
261Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX, 22-16 AWG, #8 STUD SIZE, TAPE MOUNTED
BA16E10M HUBBELL-BA16E10M Datasheet
261Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX, 22-16 AWG, TAPE MOUNTED
BA16E14M HUBBELL-BA16E14M Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX, 22-16 AWG, TAPE MOUNTED
BA16E38 HUBBELL-BA16E38 Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING , 600 VOLTS MAX. 105째 C MAX, 22-16 AWG, 3/8 STUD SIZE
BA16EF8M HUBBELL-BA16EF8M Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, 600 VOLTS MAX. 105째 C MAX, 22-16 AWG, #8 STUD SIZE, TAPE MOUNTED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com