Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1746961 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1746961
Description  Printed-circuit board connector - PT 1,5/ 3-PVH-5,0 BD:VINOUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1746961 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1746961 Datasheet HTML 1Page - PHOENIX CONTACT 1746961 Datasheet HTML 2Page - PHOENIX CONTACT 1746961 Datasheet HTML 3Page - PHOENIX CONTACT 1746961 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1746961
03.12.2012   Page 1 / 4
Printed-circuit board connector - PT 1,5/ 3-PVH-5,0 BD:VIN-
OUT - 1746961
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 3, Pitch: 5 mm, Connection method:
Screw connection, Color: green, Contact surface: Tin
Key commercial data
Packing unit
0
Minimum order quantity
250
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
10 mm
Number of positions
3
Technical data
Range of articles
PT 1,5/..-PVH
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
250 V
Nominal cross section
1.5 mm²
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
15 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
10 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
1.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.25 mm²


Similar Part No. - 1746961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746965 PHOENIX-1746965 Datasheet
118Kb / 3P
MSTBA 2,5/ 5-G-5,08 BK
More results

Similar Description - 1746961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769621 PHOENIX-1769621 Datasheet
45Kb / 3P
Printed-circuit board connector - PT 1,5/ 7-PVH-5,0 BK
1704181 PHOENIX-1704181 Datasheet
85Kb / 5P
Printed-circuit board connector - PT 2,5/ 4-PVH-5,0
1704194 PHOENIX-1704194 Datasheet
82Kb / 5P
Printed-circuit board connector - PT 2,5/ 5-PVH-5,0
1704220 PHOENIX-1704220 Datasheet
85Kb / 5P
Printed-circuit board connector - PT 2,5/ 8-PVH-5,0
1704233 PHOENIX-1704233 Datasheet
80Kb / 4P
Printed-circuit board connector - PT 2,5/ 9-PVH-5,0
1704246 PHOENIX-1704246 Datasheet
80Kb / 4P
Printed-circuit board connector - PT 2,5/10-PVH-5,0
1704259 PHOENIX-1704259 Datasheet
80Kb / 4P
Printed-circuit board connector - PT 2,5/11-PVH-5,0
1704262 PHOENIX-1704262 Datasheet
80Kb / 4P
Printed-circuit board connector - PT 2,5/12-PVH-5,0
1704165 PHOENIX-1704165 Datasheet
86Kb / 5P
Printed-circuit board connector - PT 2,5/ 2-PVH-5,0
1742732 PHOENIX-1742732 Datasheet
84Kb / 5P
Printed-circuit board connector - PT 1,5/ 2-PVH-5,0-A BD:1-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com