Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S3003
Description  FUTABA SERVO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S3003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S3003 FUTABA SERVO
...S3003 FUTABA SERVO...
Detailed Specifications
Control System:
+Pulse Width Control 1520usec
Neutral
Current Drain (4.8V): 7.2mA/idle
Required Pulse:
3-5 Volt Peak to Peak Square
Wave
Current Drain (6.0V): 8mA/idle
Operating Voltage:
4.8-6.0 Volts
Direction:
Counter Clockwise/Pulse Traveling 1520-
1900usec
Operating Temperature
Range:
-20 to +60 Degree C
Motor Type:
3 Pole Ferrite
Operating Speed (4.8V):
0.23sec/60 degrees at no load
Potentiometer Drive: Indirect Drive
Operating Speed (6.0V):
0.19sec/60 degrees at no load
Bearing Type:
Plastic Bearing
Stall Torque (4.8V):
44 oz/in. (3.2kg.cm)
Gear Type:
All Nylon Gears
Stall Torque (6.0V):
56.8 oz/in. (4.1kg.cm)
Connector Wire
Length:
12"
Operating Angle:
45 Deg. one side pulse traveling
400usec
Dimensions:
1.6" x 0.8"x 1.4" (41 x 20 x 36mm)
360 Modifiable:
Yes
Weight:
1.3oz. (37.2g)


Similar Part No. - S3003

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
S3003-K300 ENOCEAN-S3003-K300 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
S3003-K300 ENOCEAN-S3003-K300 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
S3003-K310 ENOCEAN-S3003-K310 Datasheet
218Kb / 1P
Transceiver Gateway Modules
June 2019
S3003-K320 ENOCEAN-S3003-K320 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
S3003-K320 ENOCEAN-S3003-K320 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
More results

Similar Description - S3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE544 ETC1-NE544 Datasheet
300Kb / 6P
SERVO AMPLIFIER
logo
SparkFun Electronics
ROB-12184 SPARKFUN-ROB-12184 Datasheet
101Kb / 1P
Servo Gear - Futaba (20T; Metal)
1/15/2016
ROB-12237 SPARKFUN-ROB-12237 Datasheet
95Kb / 1P
Servo Mount - Servo Plate C
2/10/2016
ROB-12274 SPARKFUN-ROB-12274 Datasheet
95Kb / 1P
Servo Hub - Standard (Futaba Standard)
1/15/2016
ROB-12291 SPARKFUN-ROB-12291 Datasheet
96Kb / 1P
Servo Hub - Lightweight (Futaba Standard)
1/15/2016
ROB-12292 SPARKFUN-ROB-12292 Datasheet
97Kb / 1P
Servo Mount - Servo Plate D
2/10/2016
ROB-12330 SPARKFUN-ROB-12330 Datasheet
93Kb / 1P
Servo Mount - Servo Plate A
2/10/2016
ROB-12440 SPARKFUN-ROB-12440 Datasheet
95Kb / 1P
Servo Gear - Futaba (16T; Metal)
1/15/2016
ROB-12444 SPARKFUN-ROB-12444 Datasheet
91Kb / 1P
Servo Mount - Servo Plate B
2/10/2016
ROB-12480 SPARKFUN-ROB-12480 Datasheet
94Kb / 1P
Servo Hub - Tall (Futaba Standard)
1/14/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com