Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

234008. Datasheet(PDF) 1 Page - Littelfuse

Part # 234008.
Description  Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

234008. Datasheet(HTML) 1 Page - Littelfuse

  234008. Datasheet HTML 1Page - Littelfuse 234008. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
426
www .littelfuse .com
5 x 20 mm Medium-Acting Fuse 233 Series
• Designed to UL/ CSA/ANCE 248 Standard.
• Available in Cartridge, Axial and Radial Lead Format.
• Available in ratings of 1A to 10A.
• RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1–3.5
4 hours, Minimum
4–10
1 hour, Minimum
135%
1–10
3 sec., Min.; 1 hour Max.
200%
1–10
0.4 sec., Min.; 4 sec., Max.
INTERRUPTING RATING:
10,000 amperes at 125 VAC, 0.7-0.8 power factor
ORDERING INFORMATION:
RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting
Number
Rating
Rating
Cold Ohms
I2t A2Sec
0233 001
1
125
0.18
2.03
0233 1.25
1.25
125
0.13
3.48
0233 01.6
1.6
125
0.088
6.31
0233 002.
2
125
0.068
10.2
0233 02.5
2.5
125
0.052
17.5
0233 003.
3
125
0.043
27.0
0233 3.15
3.15
125
0.038
30.6
0233 03.5
3.5
125
0.034
37.3
0233 004.
4
125
0.032
53.0
0233 005.
5
125
0.022
92.4
0233 006.
6
125
0.018
135
0233 06.3
6.3
125
0.017
156
®
UL
®
RoHS
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
Pb
Designed to UL/CSA Standards


Similar Part No. - 234008.

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2340033-1 TEC-2340033-1 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
2340033-2 TEC-2340033-2 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
2340033-3 TEC-2340033-3 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
2340033-4 TEC-2340033-4 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
2340033-5 TEC-2340033-5 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
More results

Similar Description - 234008.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.050 LITTELFUSE-216.050 Datasheet
128Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.032 LITTELFUSE-217.032 Datasheet
133Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
226 LITTELFUSE-226 Datasheet
90Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
232 LITTELFUSE-232 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
234 LITTELFUSE-234 Datasheet
137Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
235 LITTELFUSE-235 Datasheet
145Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
239 LITTELFUSE-239 Datasheet
162Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com