Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82845MP Datasheet(PDF) 39 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 35Page - Intel Corporation 82845MP Datasheet HTML 36Page - Intel Corporation 82845MP Datasheet HTML 37Page - Intel Corporation 82845MP Datasheet HTML 38Page - Intel Corporation 82845MP Datasheet HTML 39Page - Intel Corporation 82845MP Datasheet HTML 40Page - Intel Corporation 82845MP Datasheet HTML 41Page - Intel Corporation 82845MP Datasheet HTML 42Page - Intel Corporation 82845MP Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
39
R
“Reserved” register location is read, a random value is returned. (“Reserved” registers can be 8-bit, 16-
bit, or 32-bit in size.) Writes to “Intel Reserved” registers may cause system failure. Reads to “Intel
Reserved” registers may return a non-zero value.
Default Value Upon Reset:
Upon a full Reset, the MCH-M sets all of its internal configuration registers to predetermined default
states. Some register values at reset are determined by external strapping options. The default state
represents the minimum functionality feature set required to successfully bring up the system. Hence, it
does not represent the optimal system configuration. It is the responsibility of the system initialization
software (usually BIOS) to properly determine the DRAM configurations, operating parameters and
optional system features that are applicable, and to program the MCH-M registers accordingly.
3.5.
I/O Mapped Registers
The MCH-M contains two registers that reside in the CPU I/O address space: the Configuration Address
(CONFIG_ADDRESS) Register and the Configuration Data (CONFIG_DATA) Register. The
Configuration Address Register enables/disables the configuration space and determines what portion of
configuration space is visible through the Configuration Data window.
3.5.1.
CONFIG_ADDRESS – Configuration Address Register
I/O Address:
0CF8h Accessed as a Dword
Default Value:
00000000h
Access:
Read/Write
Size:
32 bits
CONFIG_ADDRESS is a 32-bit register that can be accessed only as a Dword. A Byte or Word
reference will "pass through" the Configuration Address Register and the hub interface, onto the PCI bus
as an I/O cycle. The CONFIG_ADDRESS register contains the Bus Number, Device Number, Function
Number, and Register Number for which a subsequent configuration access is intended.
Figure 2. Configuration Address Register
R
1 0
2
7
8
11
15
16
23
24
30
31
10
R0
0
0
0
0
Reserved
Register Number
Function Number
Device Number
Bus Number
Reserved
Enable
Bit
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com