Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP027XXX Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ALP027XXX
Description  Low-Temperature Polysilicon 0.33-inch TFT LCD Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ALP027XXX Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ALP027XXX Datasheet HTML 1Page - Sanyo Semicon Device ALP027XXX Datasheet HTML 2Page - Sanyo Semicon Device ALP027XXX Datasheet HTML 3Page - Sanyo Semicon Device ALP027XXX Datasheet HTML 4Page - Sanyo Semicon Device ALP027XXX Datasheet HTML 5Page - Sanyo Semicon Device ALP027XXX Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALP027XXX
No.7660-2/6
Absolute Maximum Ratings at VSS = 0V
Item
Symbol
Ratings
unit
H/V driver power supply voltage
VDD
-1.0 to +10
V
V driver negative power supply voltage
VBB
-6.0 to -1.0
V
Common electrode voltage
COM
-1.0 to +10
V
Scan direction signal voltage
CSH, CSV
-1.0 to +10
V
H/V driver/Drain storage circuit input signal
STH, XSTH, CKH1, CKH2
-1.0 to +10
V
voltage
DSG, XDSG
V driver input voltage
STV, XSTV, CKV1, CKV2,
-1.0 to +10
V
ENB, XENB
Video signal/Drain storage data signal input
V1, V2, V3, DSD
-1.0 to +8
V
voltage
Operating temperature
Topr
-10 to +60
ºC
Storage temperature
Tstg
-20 to +70
ºC
Operating Conditions at VSS = 0V
Item
Symbol
min
typ
max
unit
Power supply voltage
VDD
8.2
8.5
8.8
V
VBB output voltage
VBB
-4.5
(-4.0)
-3.5
V
Negative Power Supply Generator
To stabilize VBB output voltage, VBB should be tied VSS through a zener diode with smoothing capacitor as the
following diagram.
Capacitance [
µF]
Rating voltage
Capacitance tolerance
C1
0.022
16VDC and more
+80% and less, -20% and more
D1
RD5.1S - B2 or RD5.1UM - B2 (NEC makes) or the corresponding products
D1
C1
VBB(No.14)
VSS(No.3)
ALP027XXX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com