Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH005 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NH005
Description  Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NH005 Datasheet(HTML) 1 Page - Vishay Siliconix

  NH005 Datasheet HTML 1Page - Vishay Siliconix NH005 Datasheet HTML 2Page - Vishay Siliconix NH005 Datasheet HTML 3Page - Vishay Siliconix NH005 Datasheet HTML 4Page - Vishay Siliconix NH005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RE Military
www.vishay.com
Vishay Dale
Revision: 04-Sep-2019
1
Document Number: 30282
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Military, MIL-PRF-18546 Qualified,
Type RE, Aluminum Housed, Chassis Mount
FEATURES
• Molded construction for total environmental protection
• Complete welded construction
• Qualified to MIL-PRF-18546
• Available
in
non-inductive
styles
(type
N)
with
Ayrton-Perry winding for lowest reactive components
• Mounts on chassis to utilize heat-sink effect
• Excellent stability in operation (< 1 % change in
resistance)
Note
• Only tolerance available for RE type is ± 1 %
STANDARD ELECTRICAL SPECIFICATIONS
MILITARY
MODEL
VISHAY
REFERENCE
MODEL
POWER RATING
P25 °C
W
RESISTANCE RANGE
TOLERANCE
± %
WEIGHT
(typical)
g
RE60G
RH005
5
0.10 to 3.32K
1
3
RE60N
NH005
5
1.0 to 1.65K
1
3.3
RE65G
RH010
10
0.10 to 5.62K
1
6
RE65N
NH010
10
1.0 to 2.8K
1
8.8
RE70G
RH025
20
0.10 to 12.1K
1
13
RE70N
NH025
20
1.0 to 6.04K
1
16.5
RE75G
RH050
30
0.10 to 39.2K
1
28
RE75N
NH050
30
1.0 to 19.6K
1
35
RE77G
RH100
75
0.05 to 29.4K
1
350
RE77N
NH100
75
1.0 to 14.7K
1
385
RE80G
RH250
120
0.10 to 35.7K
1
630
RE80N
NH250
120
1.0 to 17.4K
1
690
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RE RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 20 for 10
 and above; ± 50 for 1  to 9.9 ; ± 100 for 0.1  to 0.99 
Maximum Working Voltage
V
(P x R)1/2
Insulation Resistance
10 000 M
 minimum dry, 1000 M minimum after moisture test
Solderability
-
MIL-PRF-18546 type - meets requirements of ANSI J-STD-002
Operating Temperature Range
°C
-55 to +250
MILITARY PART NUMBER INFORMATION
Military Part Numbering example: RE77N1302J01
MIL TYPE
CHARACTERISTIC
RESISTANCE VALUE
PACKAGING CODE
RE60
RE65
RE70
RE75
RE77
RE80
G = inductive
N = non-inductive
3 digit significant figure,
followed by a multiplier
49R9 = 49.9
1000 = 100
1001 = 1000
1302 = 13 000
C02 = card pack
(RE60 to RE75)
J01 = skin pack
(RE77, RE80)
R
E
7
7
N
1
0
3
2
0
J
1


Similar Part No. - NH005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NH005 VISHAY-NH005 Datasheet
221Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
11-Jul-07
NH005 VISHAY-NH005 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
NH00510K00AC02 VISHAY-NH00510K00AC02 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
NH00510K00AE01 VISHAY-NH00510K00AE01 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
NH00510K00AE02 VISHAY-NH00510K00AE02 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
More results

Similar Description - NH005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ERH VISHAY-ERH Datasheet
230Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
29-May-08
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
22-Mar-06
RH005 VISHAY-RH005 Datasheet
221Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
11-Jul-07
RS01M VISHAY-RS01M Datasheet
286Kb / 3P
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
22-Mar-06
RH050270R0FE02 VISHAY-RH050270R0FE02 Datasheet
198Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
22-Jun-12
RER65F7500R VISHAY-RER65F7500R Datasheet
175Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-Feb-11
RER70F VISHAY-RER70F Datasheet
168Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-May-13
RERMIL VISHAY-RERMIL Datasheet
158Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
11-Nov-15
RER VISHAY-RER Datasheet
172Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-Jun-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com