Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508AF Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BU508AF
Description  NPN POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BU508AF Datasheet(HTML) 1 Page - Continental Device India Limited

  BU508AF Datasheet HTML 1Page - Continental Device India Limited BU508AF Datasheet HTML 2Page - Continental Device India Limited BU508AF Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN POWER TRANSISTORS
BU508F, BU508AF,
BU508DF
TO- 3P Fully Isolated
Plastic Package
Fast Switching, High Voltage Devices for use in Horizontal Deflection Circuits of Colour TV
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector -Emitter Voltage
VCES
V
Collector -Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Collector Peak Current
ICM
Total Power Dissipation upto Ta=25º C
Ptot
W
Tc=25º C
Storage Temperature Range
Tstg
ºC
Max Operating Junction Temperature
Tj
ºC
THERMAL RESISTANCE
Thermal Resistance Junction - Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
.
DESCRIPTION
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICES
VCE=VCES, VBE=0
1.0
mA
Collector Emitter Sustaining Voltage
VCEO (sus)*
IB =0, IC=100mA
700
V
Emitter Base Voltage
VEBO
IE=10mA, IC =0
5.0
V
BU508F, AF
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
300
mA
BU508DF
DC Current Gain
hFE
IC=4.5A, VCE=5V
2.25
Diode forward Voltage
VF
IF=4.0A
2.0
V
BU508DF
Collector Emitter Saturation Voltage
VCE(sat) *
IC=4.5A, IB=2.0A
1.0
V
BU508AF, DF
IC=4.5A, IB=2.0A
5.0
V
BU508F
Base Emitter Saturation Voltage
VBE(sat) *
IC=4.5A, IB=2.0A
1.5
V
SWITCHING TIME
Storage Time
ts
IC=4.5A,hFE=2.5,VCC=140V
7.0
µs
Fall Time
tf
LC=0.9mH, LB=3µH
0.5
µs
* Pulse test: Pulse Duration <300
µµs , Duty cycle < 1.5%.
8
15
34
60
- 65 to +150
150
2.08
VALUE
1500
700
5
IS/ISO 9002
Lic# QSC/L- 000019.2
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - BU508AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU508AF PHILIPS-BU508AF Datasheet
61Kb / 7P
Silicon Diffused Power Transistor
July 1998 Rev 1.200
logo
Wing Shing Computer Com...
BU508AF WINGS-BU508AF Datasheet
142Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Fairchild Semiconductor
BU508AF FAIRCHILD-BU508AF Datasheet
51Kb / 4P
TV Horizontal Output Applications
logo
STMicroelectronics
BU508AF STMICROELECTRONICS-BU508AF Datasheet
99Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Mar-2007
logo
TRANSYS Electronics Lim...
BU508AF TEL-BU508AF Datasheet
59Kb / 2P
NPN POWER TRANSISTORS
More results

Similar Description - BU508AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
NPN power transistors
1999 Apr 12
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
NPN power transistors
1998 May 29
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
NPN POWER TRANSISTORS
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
NPN power transistors
10-Jul-2007
logo
New Jersey Semi-Conduct...
2N4115 NJSEMI-2N4115 Datasheet
143Kb / 1P
NPN POWER TRANSISTORS
2N4915 NJSEMI-2N4915 Datasheet
134Kb / 1P
NPN POWER TRANSISTORS
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
NPN POWER TRANSISTORS
DT44TD NJSEMI-DT44TD Datasheet
169Kb / 2P
NPN POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com