Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4861 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN4861
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4861 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN4861 Datasheet HTML 32Page - STMicroelectronics AN4861 Datasheet HTML 33Page - STMicroelectronics AN4861 Datasheet HTML 34Page - STMicroelectronics AN4861 Datasheet HTML 35Page - STMicroelectronics AN4861 Datasheet HTML 36Page - STMicroelectronics AN4861 Datasheet HTML 37Page - STMicroelectronics AN4861 Datasheet HTML 38Page - STMicroelectronics AN4861 Datasheet HTML 39Page - STMicroelectronics AN4861 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
Creating a graphical application with LTDC
AN4861
36/91
DocID029237 Rev 2
SDRAM but he extracted a pixel clock corresponding to a 32-bit SDRAM, which
would be a mistake).
b)
The color framebuffer line width is not 64 bytes aligned (see Section 4.5.2:
Optimizing the LTDC framebuffer fetching from external memories (SDRAM or
SRAM).
c)
For the STM32F7 Series, the MPU is not correctly configured to avoid Cortex®-M7
speculative read accesses to the SDRAM (see Section 4.6: Special
recommendations for Cortex®-M7 (STM32F7 Series)).
d)
If the FIFO underrun is still set because there are more than two AHB masters
concurrent access to the external memory, the user should relax the memory
bandwidth using the below recommendations:
–
use only one LTDC Layer
–
use the largest possible memory bus width (use 32-bit instead of 16-bit or 8-bit
SDRAM/SRAM)
–
update the framebuffer content during the blanking period when the LTDC is not
fetching
–
use the highest possible system clock HCLK and the highest memory speed
(FMC_SDRAM/FMC_SRAM)
–
decrease the images color depth (BPP)
–
For more details on memory bandwidth optimization see Section 4.5: Graphic
performance optimization.
Note:
To evaluate the STM32's graphical capability in a specific hardware configuration, the user
can use the STM32 boards described in Table 17: STM32 reference boards with embedding
LTDC and featuring an on-board LCD-TFT panel.
Figure 22 shows a typical graphic hardware configuration where an external SDRAM is
connected to the FMC which is used for framebuffer. The SDRAM memory bandwidth
depends on the bus width and in the operating clock.
The SDRAM bus width can be 32-bit, 16-bit or 8-bit, while the operating clock depends on
the system clock HCLK and the configured prescaler (HCLK/2 or HCLK/3).
Figure 22. Typical graphic hardware configuration with external SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com