Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5932C Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5932C
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5932C Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5932C Datasheet HTML 1Page - Anpec Electronics Coropration APL5932C Datasheet HTML 2Page - Anpec Electronics Coropration APL5932C Datasheet HTML 3Page - Anpec Electronics Coropration APL5932C Datasheet HTML 4Page - Anpec Electronics Coropration APL5932C Datasheet HTML 5Page - Anpec Electronics Coropration APL5932C Datasheet HTML 6Page - Anpec Electronics Coropration APL5932C Datasheet HTML 7Page - Anpec Electronics Coropration APL5932C Datasheet HTML 8Page - Anpec Electronics Coropration APL5932C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2013
APL5932A/B/C/D
www.anpec.com.tw
4
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VCNTL
VCNTL Supply Voltage
3.0 ~ 5.5
V
VIN
VIN Supply Voltage
1.2 ~ 5.5
V
VOUT
VOUT Output Voltage (when VCNTL-VOUT>2.1V)
0.8 ~ VIN – VDROP
V
IOUT
VOUT Output Current
0 ~ 3
A
IOUT = 3A at 25% nominal VOUT
8 ~ 250
IOUT = 2A at 25% nominal VOUT
8 ~ 890
COUT
VOUT Output Capacitance
IOUT = 1A at 25% nominal VOUT
8 ~ 1500
µF
ESRCOUT
ESR of VOUT Output Capacitor
0 ~ 200
m
Ω
TA
Ambient Temperature
-40 ~ 85
οC
TJ
Junction Temperature
-40 ~ 125
οC
Electrical Characteristics
Unless otherwise specified. These specifications apply over V
CNTL=5V, v
IN=
1.8
v, V
OUT=1.2V, and TA= -40 ~ 85
oC, unless otherwise
specified. Typical values are at T
J=25
oC.
APL5932A/B/C/D
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVCNTL
VCNTL Supply Current
EN=VCNTL, IOUT=0A
-
1.0
1.5
mA
ISD
VCNTL Supply Current at
Shutdown
EN=GND or ENB=VCNTL
-
20
30
µA
VIN Supply Current at
Shutdown
VIN=5.5V, EN=GND or ENB=VCNTL
-
-
1
µA
POWER-ON-RESET (POR)
Rising VCNTL POR Threshold
2.5
2.7
2.9
V
VCNTL POR Hysteresis
-
0.4
-
V
Rising VIN POR Threshold
0.8
0.9
1.0
V
VIN POR Hysteresis
-
0.5
-
V
OUTPUT VOLTAGE
VREF
Reference Voltage
FB=VOUT
0.792
0.8
0.808
V
Output Voltage Accuracy
VCNTL =3.0~5.5V, IOUT= 0~3A,
TJ= -40~125
oC
-1.5
-
+1.5
%
Load Regulation
IOUT=0A ~3A
-
0.06
0.25
%
Line Regulation
IOUT=10mA, VCNTL=3.0 ~ 5.5V
-0.15
-
+0.15
%/V
VOUT Pull-Low Resistance
VCNTL=5V, VEN=0V or VENB=5V, VOUT
<0.8V
-
80
-
Ω
FB Input Current
VFB=0.8V
-100
-
100
nA
Note 4: Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com